Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5140 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT5140
Description  8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5140 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT5140 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5140 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPT5140
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note 1: Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal applied
conditions in typical applications.
Supply Voltages
VEE (measured to VCC) .......................... –7.0 to 0.5 V
Input Voltages
CONV, Data, and Controls ...................... VEE to 0.5 V
(measured to VCC)
Ref+ (measured to VCC) ......................... VEE to 0.5 V
Ref– (measured to VCC) .......................... VEE to 0.5 V
Temperature
Operating, ambient ............................... –25 to +85
°C
junction ....................................... + 175
°C
Lead, soldering (10 seconds) ...................... + 300
°C
Storage ............................................. –60 to + 150
°C
ELECTRICAL SPECIFICATIONS
VCC = ground, VEE = –5.2 V ±0.3 V, TA = TMIN to TMAX, CC = 0 pF, ISet = 1.105 mA, unless otherwise specified.
TEST
TEST
SPT5140
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC Electrical Characteristics
Integral Linearity Error
1.0 mA<ISet<1.3 mA
VI
–0.37
+0.37
% FS
–0.95
+0.95
LSB
Differential Linearity Error
1.0 mA<ISet<1.3 mA
VI
–0.2
+0.2
% FS
–0.5
+0.5
LSB
Gain Error
VI
–6.5
+6.5
% FS
Gain Error Tempco
V
150
PPM/
°C
Bandgap Tempco
V
100
PPM/
°C
Input Capacitance, ISet, Ref Out
V
5
pF
Compliance Voltage, + Output
VI
–1.2
1.5
V
Compliance Voltage, – Output
VI
–1.2
1.5
V
Equivalent Output Resistance
VI
20
k
Ω
Output Capacitance
V
9
pF
Maximum Current, + Output
IV
45
mA
Maximum Current, – Output
IV
45
mA
Output Offset Current
VI
0.05
0.5
LSB
Input Voltage, Logic High
VI
–1.0
V
Input Voltage, Logic Low
VI
–1.5
V
Convert Voltage,
IV
–0.5
–2.5
V
Common Mode Range (VICM)
Convert Voltage, Differential (VIDF)
IV
0.4
1.2
V
Input Current, Logic Low,
VI
35
120
µA
Data and Controls
Input Current, Logic High,
VI
40
120
µA
Data and Controls
Input Current, Convert
VI
2
60
µA
Reference Voltage
Measured to VCC
VI
–1.3
–1.2
–1.0
V
Reference Output Current
VI
–50
µA
Input Capacitance,
V
3
pF
Data and Controls
Power Supply Sensitivity
VI
–120
+20
+120
µA/V
Supply Current
VI
155
220
mA
2
3/28/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com