Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5420SIM Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT5420SIM
Description  13-BIT, OCTAL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5420SIM Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT5420SIM Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
6/26/01
SPT5420
VOLTAGE REFERENCES AND
ANALOG GROUND INPUTS
Three VREFTXX and three VREFBXX inputs set the output
range of the three corresponding groups of DACs
(0 and 1; 2 through 5; 6 and 7). Four RGNDXX inputs set
the output offset voltage of the four corresponding groups
of DACs (0 and 1; 2 and 3; 4 and 5; 6 and 7). The formula
for output swing and offset is presented in the “Analog
Outputs” section below.
DAC ADDRESSING AND LATCHING
Each DAC has an input latch which receives data from the
data bus, and a DAC latch which receives data from the
input latch. The analog output of each DAC corresponds
to the data in its DAC latch. One of the eight input latches
is addressed by the address lines A(2:0) according to
Table I. While CS and WR are low, the addressed input
latch is transparent and the seven other input latches are
latched. Bringing CS or WR high latches data into the ad-
dressed input latch. While LDAC is low, all eight DAC
latches are transparent. Bringing LDAC high latches data
into the DAC latches. While CS, WR and LDAC are low, both
latches are transparent and input data is transferred
directly to the selected DAC. While CLR is low, all DAC out-
puts are set to their corresponding RGNDXX. Bringing CLR
high returns each DAC’s output to the voltage correspond-
ing to the data in each DAC latch.
Table II summarizes this information, and figures 1a and
1b should be referenced for timing limitations.
POWER SUPPLY SEQUENCING
The sequence in which VDD, VSS and VCC come up is not
critical. The reference inputs, VREFTXX and VREFBXX, must
come on only after VDD and VSS have been established.
However, they may be turned on prior to VCC. The digital
inputs must be driven only after VDD, VSS and VCC have
been established. Reverse the power-on sequence for
power-down.
ANALOG OUTPUTS VS DIGITAL INPUT
CODE
The output voltage range is equal to twice the difference
between VREFTXX and VREFBXX. The output voltage is
given by:
VOUT = 2 X (VREFB +[VREFT – VREFB] X
INPUT CODE
8192
) – VRGND
CODE = 0 – 8191
Table I – DAC Addressing
Addressed Input
A2
A1
A0
Latch DAC#
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Table II – Control Logic Table
WR
CS
LDAC
CLR
Input Latch DAC Latch
0
0
x
1
transparent1
x
1
x
x
1
latched
x
x
1
x
1
latched
x
x
x
0
1
x
transparent
x
x
1
1
x
latched
x
x
x
0
DAC outputs at RGNDXX
Note:
1. Only the input latch addressed by A(2:0) is transparent.
The other input latches are latched.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com