Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5420SIM Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT5420SIM
Description  13-BIT, OCTAL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5420SIM Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  SPT5420SIM Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
6/26/01
SPT5420
1
10
100
1000
10000
11.20
11.70
12.20
13.90
17.90
26.50
52.00
70.00
Settling Time to ±0.5 LSB (µS)
TYPICAL PERFORMANCE CHARACTERISTICS
Code
–1.00
–0.80
–0.60
–0.40
–0.20
0.00
0.20
0.40
0.60
0.80
1.00
0
1440
2880
4320
5760
7200
Temperature °C
4
5
6
7
8
–40
0
25
70
85
ISS
IDD
VDD=12 V
VSS=–8 V
VREFT=+5 V
VREFB=–5 V
2 µS
2 mV/div
output glitch
WR
code 0FFFH to 1000H
2 V/div
Integral Linearity Error vs Code
Differential Linearity Error vs Code
IDD/ISS vs Temperature
Digital-to-Analog Glitch Impulse
DAC to DAC Crosstalk
Load Capacitance vs Settling Time
VSWING=10 V
Code
–1.00
–0.80
–0.60
–0.40
–0.20
0.00
0.20
0
1440
2880
4320
5760
7200
2 µS
2 mV/div
code 0FFFH to 1000H
DAC to DAC glitch



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com