Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5420SIM Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT5420SIM
Description  13-BIT, OCTAL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5420SIM Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT5420SIM Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
6/26/01
SPT5420
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT5420SIM
–40 to +85 °C
44L MQFP
CLR
(Active Low) Analog Clear. Sets the output
voltages to RGND. (Each RGND is common to a
DAC pair.) CLR does not reset the digital latches.
When CLR is brought back high, the DAC outputs
revert back to their original outputs as determined
by the data in their DAC latches.
LDAC
When this logic input is taken low, the contents of
the input latches are transferred to their respective
DAC latches. (Active Low) Data is latched on
rising edge.
A0 – A2
Addresses DAC0 to DAC7 for loading the eight
input latches.
D0 – D12
Digital Inputs (D0 = LSB)
ANALOG PINS
VREFT01
Top Reference Voltage for DACs 0 and 1
VREFT2345 Top Reference Voltage for DACs 2, 3, 4 and 5
VREFT67
Top Reference Voltage for DACs 6 and 7
VREFB01
Bottom Reference Voltage for DACs 0 and 1
VREFB2345 Bottom Reference Voltage for DACs 2, 3, 4 and 5
VREFB67
Bottom Reference Voltage for DACs 6 and 7
RGND01
Reference Ground for Output Amplifiers 0 and 1
RGND23
Reference Ground for Output Amplifiers 2 and 3
RGND45
Reference Ground for Output Amplifiers 4 and 5
RGND67
Reference Ground for Output Amplifiers 6 and 7
VOUT0–7
Output Voltage Pins for DAC0 – DAC7
POWER SUPPLY PINS
VCC
Digital +5 V Supply
VDD
Analog +11.5 V Supply (Nominal)
VSS
Analog –8 V Supply (Nominal)
GND
Ground
PIN ASSIGNMENTS
Top View
44
1
RGND01
VOUT0
VREFB01
VREFT01
VDD
VSS
LDAC
A2
A1
A0
CS
RGND67
VOUT7
VREFB67
VREFT67
VSS
D12 (MSB)
D11
D10
D9
D8
CLR
PIN FUNCTIONS
Name
Function
DIGITAL CONTROL PINS
CS
Chip Select (Active Low)
WR
Level Triggered Write Input (Active Low). Used in
conjunction with CS to write data to the SPT5420
input data latches. Data is latched into selected
input data latch on the rising edge of WR.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com