Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5420SIM Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT5420SIM
Description  13-BIT, OCTAL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5420SIM Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT5420SIM Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5420SIM Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
6/26/01
SPT5420
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VCC = +5.0 V, VDD = +11.5 V, VSS = –8.0 V, VREFT=3.5 V, VREFB=–1.5 V, RL = +10 kΩ, CL = 50 pF, unless otherwise specified.
TEST
TEST
SPT5420
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Power Requirements
VCC Supply Voltage (Digital)
IV
4.75
5
5.25
V
VDD Supply Voltage (Analog)1,2
VI
5
11.5
12.5
V
VSS Supply Voltage (Analog)1,2
VI
–12.5
–8
–5V
ICC Supply Current
VI
0.5
mA
IDD Supply Current
Outputs Unloaded
VI
5
10
mA
ISS Supply Current
Outputs Unloaded
VI
5
10
mA
Power Supply Rejection Ratio
∆VDD / ∆Full Scale
IV
80
dB
∆VSS / ∆Full Scale
IV
80
dB
Dynamic Performance
Output Settling Time3
(Full Scale Change to ±0.5 LSB) CL ≤ 220 pF
IV
15
µs
Slew Rate
V
2.0
V/µs
Glitch Impulse
V
35
nV-s
Channel to Channel Isolation
V
100
dB
DAC to DAC Crosstalk
V
40
nV-s
Digital Crosstalk
V
1
nV-s
Digital Feedthrough
V
1
nV-s
Timing Characteristics
(See page 4)
IV
1. Supplies should provide 2.5 V headroom above and below max output swing.
2. VDD – VSS ≤ 20 V
3. Output can drive 10,000 pF without oscillation, but with settling time degradation.
DEFINITION OF SELECTED TERMINOLOGY
Channel-to-Channel Isolation
Channel-to-Channel isolation refers to the proportion of input signal from one DAC’s reference input that appears at the output of
the other DAC. It is expressed in dBs.
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is defined as the glitch impulse that appears at one DAC’s output due to both the digital change and subse-
quent analog output change at any other DAC. It is specified in nV-s.
Digital Crosstalk
The glitch impulse transferred to one DAC’s output due to a change in digital input code of any other DAC. It is specified in nV-s.
Digital Feedthrough
Digital feedthrough is the noise at a DAC’s output caused by changes to D0–D12 while WR is high.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com