Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7853 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7853
Description  TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7853 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7853 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
12/14/99
SPT7853
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VDD=OVDD=+5.0 V, VIN=0 to 4 V, ƒS=30 MSPS, ƒCLK=60 MHz, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7853
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC Performance
Resolution
10
Bits
Differential Linearity
ƒs = 20 MSPS
V
±0.5
LSB
Integral Linearity
ƒs = 20 MSPS
V
±1.0
LSB
Analog Input
Input Voltage Range2
IV
VRLS
VRHS
V
Input Resistance
IV
50
k
Ω
Input Capacitance
V
5
pF
Input Bandwidth (Full Power)
V
120
MHz
–Full-Scale Error2
V
±0.5
%FS
+Full-Scale Error2
V
±0.25
%FS
Reference Ladder Resistance
VI
120
170
220
Ω
Timing Characteristics
Conversion Rate
VI
30
MSPS
Clock Duty Cycle Range
IV
45
55
%
Clock-to-Sample Rate Relationship
IV
2:1
Pipeline Delay (Latency)
IV
12
Clock Cycles
Aperture Delay Time
V
5
ns
Aperture Jitter Time
V
15
ps
Dynamic Performance
Effective Number of Bits
ƒIN = 3.58 MHz
@ 25
°C
VI
8.3
8.7
Bits
@ 0 to 70
°C
V
8.0
Bits
ƒIN = 10.0 MHz
@ 25
°C
V
7.4
Bits
Signal-to-Noise Ratio
ƒIN = 3.58 MHz
@ 25
°CVI
53
56
dB
@ 0 to 70
°C
V
51.6
dB
ƒIN = 10.0 MHz
@ 25
°C
V
48
dB
Total Harmonic Distortion
ƒIN = 3.58 MHz
@ 25
°C
VI
–56
–58
dB
@ 0 to 70
°C
V
–54.6
dB
ƒIN = 10.0 MHz
@ 25
°C
V
–51
dB
Signal-to-Noise + Distortion Ratio
ƒIN = 3.58 MHz
@ 25
°C
VI
52
54.5
dB
@ 0 to 70
°C
V
49.7
dB
ƒIN = 10.0 MHz
@ 25
°C
V
46
dB
Supply Voltages
VDD .................................................................................................... +6 V
OVDD ................................................................................................. +6 V
Temperature
Analog Inputs .................................. –0.5 V to VDD +0.5 V
VREF ................................................ –0.5 V to VDD +0.5 V
Clock Input ...................................... –0.5 V to VDD +0.5 V
Output Currents
Digital Outputs ....................................................... 10 mA
Temperature
Operating Temperature ................................ 0 to + 70
°C
Junction Temperature ......................................... +150
°C
Lead, Soldering (10 seconds) ............................. +300
°C
Storage .................................................... –65 to +150
°C
Note:
1. Operation at any Absolute Maximum Rating is not implied and operation beyond the ratings may cause damage to the device.
See Electrical Specifications for proper nominal applied conditions in typical applications.
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
2
The full-scale range spans the reference ladder sense pins, VRHS and VRLS. Refer to the Voltage Reference section for discussion.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com