Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7853 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7853
Description  TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7853 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7853 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
12/14/99
SPT7853
4
ANALOG IN
CLOCK IN
SAMPLING CLOCK
DIGITAL OUT
DATA VALID
12345678910
11
12
13
14
15
16
17
(Internal)
VALID
INVALID
5
6
7
1
2
3
8
9
10
11
Figure 1a – Timing Diagram 1
Figure 1b – Timing Diagram 2
Table I – Timing Parameters
Description
Parameters
Min
Typ
Max
Units
Conversion time
tC
2 x tCLK
nS
Clock period
tCLK
16.67
nS
Clock duty cycle
45
50
55
%
Clock to output delay (15 pF load)
tOD
19
nS
DAV pulse width
tDAV
tCLK
nS
Clock to DAV
tD
6.5
nS
DATA
VALID
DATA
OUTPUT
DA, DB, DC
CLOCK
IN
tOD
tS
Data 0
Data 1
Data 2
tC
tCH
tCL
tCLK
tDAV
tDAV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com