Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7853 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7853
Description  TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7853 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7853 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPT7853
TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
BLOCK DIAGRAM
GENERAL DESCRIPTION
The SPT7853 has three 10-bit analog-to-digital converters
on one CMOS chip, each with a sample rate of 30 MSPS.
This device is ideal for professional-level video decoding to
4:2:2/4:4:4 CCIR-601 standard specifications for compo-
nent digital video, including YCrCb and RGB decoding, pro-
fessional video equipment, video frame grabbers, medical
imaging, flat panel display and projection applications.
The SPT7853 offers significant advantages over discrete
single-channel A/D implementations. Board area, package
count, system cost and power dissipation can greatly be
reduced by using a single SPT7853 device. In addition,
several performance advantages exist, including low chan-
nel-to-channel cross-talk noise and well matched channel-
to-channel gain specifications. The three analog-to-digital
converters are driven from a common 2X sample rate
CMOS clock.
The SPT7853 typically consumes only 580 mW of total
power from a single +5 V supply. Digital outputs can operate
with +3 V or +5 V logic and are tri-state capable. The
SPT7853 is offered in a small 52-pin thin quad flat pack
(TQFP) package and operates over the 0 to +70
°C com-
mercial temperature range.
APPLICATIONS
• CCIR-601 (4:2:2/4:4:4) digital component video
• RGB video decoding
• Medical imaging
• Flat panel displays
• PC projectors
FEATURES
• Three 10-bit, 30 MSPS ADCs on one chip
• SINAD of 54.5 dB @ ƒIN = 3.58 MHz
• Channel-to-channel cross talk: –66 dB typical
• Channel-to-channel gain matching of <0.1 dB
• Single 2X sample rate clock
• Total power dissipation: 580 mW (typical)
• Tri-state +3 V to +5 V digital outputs CMOS-compatible
• Single +5 V power supply
Timing
Generation
Reference
Ladder
ADCA
ADCB
ADCC
T/H
T/H
T/H
10
10
10
VINB
DA0–9
Clock
VINA
VINC
DB0–9
DC0–9
VRH Force/Sense
2
VRL Force/Sense
2
Output Enable
Output
Buffer
Output
Buffer
Output
Buffer
DAV


Similar Part No. - SPT7853

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
SPT7853SCT FAIRCHILD-SPT7853SCT Datasheet
70Kb / 10P
TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
More results

Similar Description - SPT7853

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
AD9483 AD-AD9483 Datasheet
319Kb / 26P
Triple 8-Bit, 140 MSPS A/D Converter
REV.A
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI2309 INTERSIL-HI2309 Datasheet
652Kb / 9P
Triple 10-Bit, 50 MSPS,3-Channel D/A Converter
January 1998
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com