Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7853 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7853
Description  TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7853 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7853 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
12/14/99
SPT7853
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VDD=OVDD=+5.0 V, VIN=0 to 4 V, ƒS=30 MSPS, ƒCLK=60 MHz, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7853
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Spurious Free Dynamic Range
ƒIN = 3.58 MHz
@ 25
°C
V
65
dBc
@ 0 to 70
°C
V
56.3
dBc
Channel-to-Channel Cross Talk
ƒIN = 3.58 MHz
V
–66
dB
Channel-to-Channel Gain Matching
V
±0.1
dB
Differential Phase
V
0.5
Degree
Differential Gain
V
0.5
%
Power Supply Requirements
VDD Supply Voltage
IV
+4.75
+5.0
+5.25
V
OVDD Supply Voltage
IV
+2.7
+5.25
V
Supply Current
IDD
VI
81
105
mA
OIDD
V9
11
mA
Power Dissipation
Without reference ladder
CL = 10 pF
V
485
mW
Including reference ladder
CL = 10 pF
VI
580
750
mW
Digital Inputs/Outputs
Digital Input Logic 1 Voltage
VI
4.0
V
Digital Input Logic 0 Voltage
VI
1.0
V
Digital Output Logic 1 Voltage
IOH = 500 µAVI
OVDD –0.5
V
Digital Output Logic 0 Voltage
IOL = 800 µA
VI
0.4
V
tRISE/tFALL (CL = 10 pF)
V
10
ns
OEN to Data Output
V
12
ns
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and
characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com