Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9101 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT9101
Description  125 MSPS SAMPLE-AND-HOLD AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9101 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT9101 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
12/30/99
SPT9101
DC Performance
Gain
∆VIN = 0.5 V
+25
°C
I
3.93
4.0
4.07
V/V
Full Temp.
VI
3.9
4.1
V/V
Offset
∆VIN = 0 V
+25
°CI
±3
±10
mV
Full Temp.
VI
±30
mV
Output Resistance
+25
°C
V
0.5
Ω
Output Short Circuit Current
Full Temp.
V
±60
mA
PSRR
∆VS = 0.5 V p-p
+25
°CVI
37
43
dB
Pedestal Sensitivity to Pos. Supply
Full Temp.
V
4
mV/V
∆VS = 0.5 V p-p
Pedestal Sensitivity to Neg. Supply
Full Temp.
V
8
mV/V
∆VS = 0.5 V p-p
Analog Input/Output
Maximum Output Voltage Range6
Full Temp.
VI
±2.4
±2.7
V
Input Bias Current
+25
°CI
±15
±30
µA
Full Temp.
VI
±35
µA
Input Capacitance
+25
°CV
2
pF
Input Resistance
Full Temp.
VI
100
450
k
Ω
Clock Inputs
Input Bias Current
+25
°CVI
3
30
µA
Input Low Voltage
Full Temp.
VI
-1.8
-1.5
V
Input High Voltage
Full Temp.
VI
-1.0
-0.8
V
Track Mode Dynamics
Bandwidth (-3 dB) VOut = 1.0 V p-p Full Temp.
IV
150
180
MHz
Slew Rate 4 V Output Step
Full Temp.
IV
1100
1400
V/
µs
Overdrive Recovery Time1
To 0.1%
V
55
ns
Integrated Output Noise
BW = 5 to 200 MHz
V
270
µV
Input RMS Spectral Noise
10 MHz
V
3.9
nV
Hz
ABSOLUTE MAXIMUM RATING (Beyond which damage may occur)1
ELECTRICAL SPECIFICATIONS
+VS=+5.0 V, -VS=-5.2 V, RLOAD=100 Ω, unless otherwise specified.
TEST
TEST
SPT9101
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Note 1: Operation at any Absolute Maximum Ratings is not implied. See Electrical Specifications for proper nominal
applied conditions in typical application.
Output Currents
Continuous Output Current ................................... 70 mA
Temperature
Operating Temperature .............................. -40 to +85
°C
Junction Temperature ......................................... +150
°C
Lead, Soldering (10 seconds) ............................. +220
°C
Storage ..................................................... -65 to +150
°C
Supply Voltages
Supply Voltage (+VS) ................................ -0.5 V to +6 V
Supply Voltage (-VS) ................................. -6 V to +0.5 V
Input Voltages
Analog Input Voltage ................................................
±5 V
CLK, NCLK Input ....................................... -5 V to +0.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com