Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9101 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT9101
Description  125 MSPS SAMPLE-AND-HOLD AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9101 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT9101 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
12/30/99
SPT9101
Figure 1 - Timing Diagram
TIMING SPECIFICATION DEFINITIONS
ACQUISITION TIME
This is the time it takes the SPT9101 to acquire the analog
signal at the internal hold capacitor when it makes a transition
from hold mode to track mode. (See figure 1.) The acquisition
time is measured from the 50% input clock transition point to
the point when the signal is within a specified error band at the
internal hold capacitor (ahead of the output amplifier). It does
not include the delay and settling time of the output amplifier.
Because the signal is internally acquired and settled at the
hold capacitor before the output voltage has settled, the
sampler can be put in hold mode before the output has settled.
TRACK-TO-HOLD SETTLING TIME
The time required for the output to settle to within 4 mV of its
final value.
APERTURE DELAY
The aperture delay time is the interval between the leading
edge transition of the clock input and the instant when the
input signal was equal to the held value. It is the difference
in time between the digital hold switch delay and the analog
signal propagation time. Because the analog propagation
time is longer than the digital delay in the SPT9101, the
aperture delay is a negative value.
Acquisition
Time
Aperature
Delay
Track-to-Hold
Settling
Hold
Track
Hold
CLK
NCLK
Output
Input
Observed at
Hold Capacitor
Observed at
Amplifier Output
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions: All parameters having min/
max specifications are guaranteed. The Test
Level column indicates the specific device test-
ing actually performed during production and
Quality Assurance inspection. Any blank sec-
tion in the data column indicates that the speci-
fication is not tested at the specified condition.
TEST LEVEL
I
II
III
IV
V
VI
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = 25 °C. Parameter is
guaranteed over specified temperature range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com