Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9101 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT9101
Description  125 MSPS SAMPLE-AND-HOLD AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9101 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT9101 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
12/30/99
SPT9101
ELECTRICAL SPECIFICATIONS
+VS=+5.0 V, -VS=-5.2 V, RLOAD=100 Ω, unless otherwise specified.
TEST
TEST
SPT9101
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Hold Mode Dynamics
Worst Harmonic
23 MHz, 50 MSPS
V
-75
dB FS
VOut = 2 V p-p
+25
°C
Worst Harmonic
48 MHz, 100 MSPS
IV
-62
-57
dB FS
VOut = 2 V p-p
+25
°C
Worst Harmonic
48 MHz, 100 MSPS
IV
-53
dB FS
VOut = 2 V p-p
Full Temp.
Worst Harmonic
48 MHz, 125 MSPS
V
-57
dB FS
VOut = 2 V p-p
+25
°C
Sampling Bandwidth2
-3 dB, +25 ˚C
V
350
MHz
VIN = 0.5 V p-p
Hold Noise3 (RMS)
+25
°C
V
150 x tH
mV/s
Droop Rate
VIN=0.0 V, +25 °C
V
-40
mV/
µs
Feedthrough Rejection (50 MHz)
Full Temp.
V
-66
dB
VOut = 2 V p-p
Maximum Hold Time, VIN=0 V
Full Temp.
IV
100
200
ns
Track-and-Hold Switching
Aperture Delay
+25
°C
V
-250
ps
Aperture Jitter
+25
°C
V
<1
ps rms
Pedestal Offset, VIN=0 V
+25
°CI
±10
±25 mV
Full Temp.
VI
±35 mV
Transient Amplitude
VIN = 0 V, Full Temp.
V
8
mV
Settling Time to 4 mV
Full Temp.
V
4
ns
Glitch Product4
+25
°C
V
20
pV-s
VIN = 0 V
Hold-to-Track Switching
Acquisition Time to 0.1%
+25
°CV
7
ns
2 V Output Step
Acquisition Time to 0.01%
+25
°CIV
11
14
ns
2 V Output Step
Full Temp.
IV
16
ns
Power Supply5
+VS Voltage
Full Temp, Track Mode
VI
54
65
mA
Full Temp, Clocked Mode
VI
44
55
mA
-VS Voltage
Full Temp, Track Mode
VI
54
65
mA
Full Temp, Clocked Mode
VI
44
55
mA
Power Dissipation
Full Temp, Track Mode
VI
551
663
mW
Full Temp, Clocked Mode
VI
449
561
mW
1Time to recover within rated error band from 160% overdrive.
2Sampling bandwidth is defined as the -3 dB frequency response of the input sampler to the hold capacitor when operating in the
sampling mode. It is greater than tracking bandwidth because it does not include the bandwidth of the output amplifier.
3Hold mode noise is proportional to the length of time a signal is held. For example, if the hold time (tH) is 20 ns, the accumulated
noise is typically 3
µV (150 mV/s x 20 ns). This value must be combined with the track mode noise to obtain total noise.
4Total energy of worst case track-to-hold or hold-to-track glitch.
Typical thermal impedances:
ΘJC (LCC) = +6 °C/W
ΘJA (SOIC) = +85 °C/W in still air at +25 °C ambient.
5Clocked mode is specified with a 50% clock duty cycle.
6Analog input voltage should be limited
≤0.8 volts to maintain device in linear range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com