Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9101 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT9101
Description  125 MSPS SAMPLE-AND-HOLD AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9101 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT9101 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9101 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT9101
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
FEATURES
• Second Source of AD9101
• 350 MHz Sampling Bandwidth
• 125 MHz Sampling Rate
• Excellent Hold Mode Distortion
-75 dB at 50 MSPS (23 MHz VIN)
-62 dB at 100 MSPS (48 MHz VIN)
• 7 ns Acquisition Time to 0.1%
• <1 ps Aperture Jitter
• 66 dB Feedthrough Rejection at 50 MHz
• Low Spectral Noise Density
APPLICATIONS
• Test Instrumentation Equipment
• RF Demodulation Systems
• High Performance CCD Capture
• Digital Sampling Oscilloscopes
• Commercial and Military Radar
• High-Speed DAC Deglitching
4X
Amp
-
+
CHOLD
Sampler
+
-
3R
R
RTN
CLK NCLK
VIn
VOUT
BLOCK DIAGRAM
GENERAL DESCRIPTION
The SPT9101 is a high-speed track-and-hold amplifier de-
signed for a wide range of use. The SPT9101 is capable of
sampling at speeds up to 125 MSPS with resolutions ranging
from 8 to 12 bits. Trim programmable internal hold and
compensation capacitors provide for optimized input band-
width and slew rate versus noise performance.
The performance of this device makes it an excellent front
end driver for a wide range of ADCs on the market today.
Significant improvements in dynamic performance can be
achieved by using this device ahead of virtually all ADCs that
do not have an internal track-and-hold.
The SPT9101 is offered in 20-lead SOIC and LCC packages
over the industrial temperature range and in die form. Contact
the factory for military and /833 package options.


Similar Part No. - SPT9101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
SPT9101SCU FAIRCHILD-SPT9101SCU Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
SPT9101SIC FAIRCHILD-SPT9101SIC Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
SPT9101SIS FAIRCHILD-SPT9101SIS Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
More results

Similar Description - SPT9101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Intersil Corporation
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Analog Devices
SMP04GBC AD-SMP04GBC Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
64ns Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com