Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9691 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT9691
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9691 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT9691 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPT9691
TYPICAL PERFORMANCE CURVES
0
50
100
150
200
250
300
350
1.8
2.0
2.2
2.4
2.6
2.8
3.0
PROPAGATION DELAY TIME VS OVERDRIVE (mV)
OVERDRIVE (mV)
0
+25
+50
TEMPERATURE (°C)
1.6
1.8
2.0
2.2
1.4
2.4
(V
=150 mV)
OD
+75
+100
PROPOGATION DELAY TIME VS TEMPERATURE
-4.0
-1.6
+0.8
+3.2
+5.6
+8.0
INPUT BIAS CURRENT VS COMMON MODE VOLTAGE
(+25 °C)
COMMON MODE VOLTAGE (V)
0.1
1.0
10
0.001
0.01
100
-4.0
-1.6
+0.8
+3.2
+5.6
+8.0
-6.0
-2.0
+2.0
+6.0
INPUT OFFSET VOLTAGE VS COMMON MODE VOLTAGE
(T=+25 °C)
COMMON MODE VOLTAGE (V)
+10.0
-10.0
1.1
1.5
1.9
2.3
2.7
-1.50
-1.30
-1.10
RISE AND FALL OF OUTPUTS VS TIME CROSSOVER
TIME (ns)
-1.90
-1.70
-.90
3.5
-20
0
204060
10
15
20
0
5
∆LATCH = (VLE - VLE) mV
HYSTERESIS VS
∆LATCH
VIN (CM) = 0.0 V
5
10/6/97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com