Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9691 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT9691
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9691 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT9691 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPT9691
ELECTRICAL SPECIFICATIONS
T A = +25 °C, AVCC = +10 V, AVEE=-10.0 V, DVEE=-5.2 V, RL = 50 Ohm to -2V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Power Dissipation
Dual
I
700
895
mW
Output High Level
ECL 50 Ohms to -2V
I
-.98
-.70
V
Output Low Level
ECL 50 Ohms to -2V
I
-1.95
-1.65
V
AC ELECTRICAL CHARACTERISTICS
Propagation Delay1
150 mV O.D.
IV
1.5
2.0
2.5
ns
Propagation Delay TEMPCO
V
2
ps/
°C
Propagation Delay Skew (A vs B)
V
100
ps
Propagation Delay Dispersion2
150 mV Overdrive Min.
V
200
ps
Latch Set-up Time
V
1.7
ns
Latch to Output Delay
150 mV O.D.
V
0.8
ns
Latch Pulse Width
V
2
ns
Latch Hold Time
V
-1.9
ns
Rise Time
20% to 80%
V
0.4
ns
Fall Time
20% to 80%
V
0.4
ns
Slew Rate
V
3
V/ns
NOTES:
1 Valid for both high-to-low and low-to-high transitions.
2 Dispersion is the change in propagation delay due to changes in slew rate, overdrive, and common mode level.
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = 25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI
3
10/6/97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com