Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9691 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT9691
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9691 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT9691 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPT9691
ELECTRICAL SPECIFICATIONS
T A = +25 °C, AVCC = +10 V, AVEE=-10.0 V, DVEE=-5.2 V, RL = 50 Ohm to -2V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Input Offset Voltage
VIN,CM=0
I
-25
0.0
+25
mV
TMIN < TA<TMAX
IV
-25
0.0
+25
mV
Offset Voltage Tempco
V
50
µV/°C
Input Bias Current
I
±0.1
±10
nA
Input Bias Current
TMIN <TA<TMAX
IV
±2.0
±100
nA
Input Offset Current
V
±1.0
nA
Input Offset Current
TMIN <TA<TMAX
V
±10
nA
Positive Supply Current (Dual)
AVcc=10 V
I
25
33
mA
Negative Supply Current (Dual)
AVEE=-10.0 V
I
15
20
mA
Negative Supply Current (Dual)
DVEE=-5.2 V
I
55
70
mA
Positive Supply Voltage, AVCC
IV
9.75
10.0
10.25
V
Negative Supply Voltage, AVEE
IV
-9.75
-10.0
-10.25
V
Negative Supply Voltage, DVEE
IV
-4.95
-5.2
-5.45
V
Input Common Mode Range
I
-4.0
+8.0
V
Latch Enable
Common Mode Range
IV
-2.0
0
V
Differential Voltage Range
I
±10
V
Open Loop Gain
V
60
dB
Differential Input Resistance
V
2
G
Ω
Input Capacitance
LCC Package
1.0
pF
PLCC Package
1.0
pF
PDIP
2.9
pF
Power Supply Sensitivity
V
60
dB
Common Mode Rejection Ratio
I
50
60
dB
TMIN < TA<TMAX
IV
45
55
dB
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Supply Voltages (Measured to GND)
Positive Supply Voltage (AVCC) .............. -0.5 to +11.0 V
Negative Supply Voltage (AVEE) ............ -11.0 to +0.5 V
Negative Supply Voltage (DVEE) .............. -6.0 to +0.5 V
Input Voltages
Input Common Mode Voltage ........ DVEE-1 to +AVCC+1
Differential Input Voltage ...................... -12.0 to +12.0 V
Input Voltage, Latch Controls .................. DVEE to 0.5 V
VIN to AVCC Differential Voltage ................ -16 to +1.0 V
VIN to AVEE Differential Voltage ................ +4 to +21.0 V
Output
Output Current ....................................................... 30 mA
Temperature
Operating Temperature, ambient .................. 0 to +70
°C
junction ....................... +150
°C
Lead Temperature, (soldering 60 seconds) ........ +300
°C
Storage Temperature ................................ -65 to +150
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal applied
conditions in typical applications. Application of multiple maximum rating conditions at the same time may damage
the device.
2
10/6/97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com