Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9691 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT9691
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9691 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT9691 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9691 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPT9691
Figure 1 - Timing Diagram
TIMING INFORMATION
The timing diagram for the comparator is shown in figure 1.
If LE is high and LE low in the SPT9691, the comparator
tracks the input difference voltage. When LE is driven low
and LE high, the comparator outputs are latched into their
existing logic states.
SWITCHING TERMS (Refer to figure 1)
tpdH INPUT TO OUTPUT HIGH DELAY - The propagation
delay measured from the time the input signal crosses
the reference voltage (
± the input offset voltage) to the
50% point of an output LOW to HIGH transition.
tpdL INPUT TO OUTPUT LOW DELAY - The propagation
delay measured from the time the input signal crosses
the reference voltage (
± the input offset voltage) to the
50% point of an output HIGH to LOW transition.
tpLOH LATCH ENABLE TO OUTPUT HIGH DELAY - The
propagation delay measured from the 50% point of the
Latch Enable signal LOW to HIGH transition to 50%
point of an output LOW to HIGH transition.
tpLOL LATCH ENABLE TO OUTPUT LOW DELAY - The
propagation delay measured from the 50% point of the
Latch Enable signal LOW to HIGH transition to the 50%
point of an output HIGH to LOW transition.
tH
MINIMUM HOLD TIME - The minimum time after the
negative transition of the Latch Enable signal that the
input signal must remain unchanged in order to be
acquired and held at the outputs.
tpL
MINIMUM LATCH ENABLE PULSE WIDTH - The
minimum time that the Latch Enable signal must be
HIGH in order to acquire an input signal change.
tS
MINIMUM SET-UP TIME - The minimum time before
the negative transition of the Latch Enable signal that
an input signal change must be present in order to be
acquired and held at the outputs.
VOD VOLTAGE OVERDRIVE - The difference between the
differential input and reference input voltages.
The set-up and hold times are a measure of the time required for an input signal to propagate through the
first stage of the comparator to reach the latching circuitry. Input signals occurring before ts will be detected
and held; those occurring after tH will not be detected. Changes between tS and tH may not be detected.
50%
50%
50%
tpL
Differential
Input Voltage
Output Q
Output Q
tS
tH
tpdL
tpdH
t
pLOL
tpLOH
Latch Enable
Latch Enable
+=300 mV,
=150 mV
V
OD
V
IN
V
OD
VRef ± VOS
The leading edge of the input signal (which consists of a
150 mV overdrive voltage) changes the comparator output
after a time of tpdL or tpdH (Q or Q ). The input signal must be
maintained for a time ts (set-up time) before the LE falling
edge and LE rising edge and held for time tH after the falling
edge for the comparator to accept data. After tH , the output
ignores the input status until the latch is strobed again. A
minimum latch pulse width of tpL is needed for strobe opera-
tion, and the output transitions occur after a time of tpLOH or
tpLOL.
4
10/6/97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com