Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9713AIP Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT9713AIP
Description  12-BIT, 100 MWPS TTL D/A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9713AIP Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT9713AIP Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9713AIP Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9713AIP Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9713AIP Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9713AIP Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9713AIP Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9713AIP Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPT9713
12-BIT, 100 MWPS TTL D/A CONVERTER
TECHNICAL DATA
FEBRUARY 15, 2001
APPLICATIONS
• Fast frequency hopping spread spectrum radios
• Direct sequence spread spectrum radios
• Microwave and satellite modems
• Test & measurement instrumentation
FEATURES
• 12-Bit, 100 MWPS digital-to-analog converter
• TTL compatibility
• Low power: 640 mW
• 1/2 LSB DNL
• 40 MHz multiplying bandwidth
• Industrial temperature range
• Superior performance over AD9713
– Improved settling time of 13 ns
– Improved glitch energy 15 pV-s
– Master-slave latches
GENERAL DESCRIPTION
The SPT9713 is a 12-bit, 100 MWPS digital-to-analog
converter designed for direct digital synthesis, high reso-
lution imaging, and arbitrary waveform generation applica-
tions.
This device is pin-for-pin compatible with the AD9713 with
significantly improved performance. The only difference
between the SPT9713 and the AD9713 is that the Latch
Enable (LE, pin 26) for the SPT9713 is rising-edge trig-
gered (see figure 1), whereas the Latch Enable (LE, pin
26) for the AD9713 functions in the transparent mode.
The SPT9713 is a TTL-compatible device. It features a
fast settling time of 13 ns and low glitch impulse energy of
15 pV-s, which results in excellent spurious-free dynamic
range characteristics.
The SPT9713 is available in a 28-lead PLCC package in
the industrial temperature range (–40 to +85 °C).
BLOCK DIAGRAM
(MSB)
Latch Enable
Digital
Inputs
D1
through
D12
Ref In
IOut
IOut
Decoders
and
Drivers
(LSB)
RSet
Control Amp In
–
Control
Amp Out
Internal
Voltage
Reference
Ref Out
Switch
Network
Control
Amp
+


Similar Part No. - SPT9713AIP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9713AIP FAIRCHILD-SPT9713AIP Datasheet
48Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
More results

Similar Description - SPT9713AIP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9713 FAIRCHILD-SPT9713 Datasheet
48Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
List of Unclassifed Man...
SPT7922 ETC-SPT7922 Datasheet
123Kb / 11P
12-BIT, 30 MSPS, TTL, A/D CONVERTER
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT5310 CADEKA-SPT5310 Datasheet
2Mb / 8P
12-BIT, 250 MWPS ECL D/A CONVERTER
SPT5510 CADEKA-SPT5510 Datasheet
165Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
12-BIT, 20 MSPS, TTL, A/D CONVERTER
SPT7922 CADEKA-SPT7922 Datasheet
192Kb / 11P
12-BIT, 30 MSPS, TTL, A/D CONVERTER
SPT9712 CADEKA-SPT9712 Datasheet
137Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com