Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22091 Datasheet(PDF) 49 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 49 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 50Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 51Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 52Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 53Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
49
Operating Conditions
Parameter
Min.
Nom.
Max.
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
VIH
Input Voltage, Logic HIGH
TTL Compatible Inputs, all but TCK
2.0
VDD
V
TTL Compatible Input TCK
2.5
VDD
V
CMOS Compatible Inputs
(2/3)VDD
VDD
V
VIL
Input Voltage, Logic LOW
TTL Compatible Inputs
GND
0.8
V
CMOS Compatible Inputs
GND
(1/3)VDD
V
IOH
Output Current, Logic HIGH
-2.0
mA
IOL
Output Current, Logic LOW
4.0
mA
VREF
External Reference Voltage
1.235
V
IREF
D/A Converter Reference Current, VREF = Nom.
2.1
3.15
4.4
mA
(IREF = VREF / RREF, flowing out of the RREF pin)
RREF
Reference Resistor, VREF = Nom.
281
392
588
Ω
ROUT
Total Output Load Resistance
37.5
Ω
TA
Ambient Temperature, Still Air
0
70
°C
Pixel Interface
fPXL
Pixel Rate
12.27
15
Mpps
fPXCK
Master Clock Rate, 2x pixel rate
24.54
30
MHz
tPWHPX
PXCK Pulse Width, HIGH
10
ns
tPWLPX
PXCK Pulse Width, LOW
10
ns
For PD, VVSYNC, VHSYNC, PDC, KEY
tSP
Setup Time
12
ns
tHP
Hold Time, PD and KEY
0
ns
tHP
Hold Time, PDC, VHSYNC, VVSYNC
5
ns
tXL
Delay Time, LDV
10
ns
tPWHLDV
LDV Pulse Width, HIGH
15
ns
tPWLLDV
LDV Pulse Width, LOW
10
ns
tPWLVH
VHSYNC Pulse Width, LOW
6
15
PXCK
periods
tPWHVV
VVSYNC Pulse Width, LOW
0.5
3
H
Genlock Interface
tSGI
Setup Time, GHSYNC, GVSYNC, CVBS
10
ns
tHGI
Hold Time, GHSYNC, GVSYNC, CVBS
0
ns
Microprocessor Interface
tPWLCS
CS Pulse Width, LOW
55
ns
tPWHCS
CS Pulse Width, HIGH
30
ns
tSA
Address Setup Time
10
ns
tHA
Address Hold Time
0
ns
tSD
Data Setup Time (write)
15
ns
tHD
Data Hold Time (write)
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com