Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22091 Datasheet(PDF) 53 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 53 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 50Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 51Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 52Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 53Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 54Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 55Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 56Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 57Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
53
Figure 37. TMC22x91-to-TMC22071 Interface Circuit
2
8
8
27009A
CVBS7-0
GHSYNC
GVSYNC
PXCK
LDV
CVBS7-0
GHSYNC
GVSYNC
PXCK
LDV
MICROPROCESSOR
INTERFACE
GENLOCKING VIDEO DIGITIZER
TMC22071
DIGITAL VIDEO ENCODER
TMC22x91
Printed Circuit Board Layout
Designing with high-performance mixed-signal circuits
demands printed circuits with ground planes. Overall system
performance is strongly influenced by the board layout.
Capacitive coupling from digital to analog circuits may
result in poor picture quality. Consider the following sugges-
tions when doing the layout:
• Keep analog traces (COMP, VREF, RREF) as short and as
far from all digital signals as possible.
• The power plane for the TMC22x91 should be separate
from that which supplies other digital circuitry. A single
power plane should be used for all of the VDD pins. If the
power supply for the TMC22x91 is the same for the
system’s digital circuitry, power to the TMC22x91 should
be filtered with ferrite beads and 0.1
µF capacitors to
reduce noise.
• The ground plane should be solid, not cross-hatched.
Connections to the ground plane should be very short.
• Decoupling capacitors should be applied liberally to VDD
pins. For best results, use 0.1
µF capacitor in
parallel with 47
µF capacitors. Lead lengths should be
minimized. Ceramic chip capacitors are the best choice.
• The PXCK should be handled carefully. Jitter and noise
on this clock or its ground reference will translate to noise
on the video outputs. Terminate the clock line carefully to
eliminate overshoot and ringing.
Microprocessor I/O Operations
Various CLUT Read/Write operations are shown in Table 17.
Each step in the table requires a CS pulse (falling edge fol-
lowed by a rising edge) to execute.
For Write operations, R/W and A1-0 must conform to setup
and hold timing with respect to the falling edge of CS. D7-0
must meet setup and hold timing with respect to the rising
edge of CS. These timing relationships are illustrated in Fig-
ure 10. When writing data into an internal register (i.e.
CLUT Address Register) an extra CS falling edge is required
to transfer the input data to that register. This requirement is
usually accomplished by executing the next step in the
sequence. If there is no planned next step in the sequence,
executing a Control Register Read step will meet the require-
ment and terminate the sequence.
For Read operations, R/W and A1-0 must conform to setup
and hold timing with respect to the falling edge of CS. Read
data on D7-0 is initiated by the falling edge of CS\ and termi-
nated by the rising edge of CS as shown in Figure 11. When
reading Control Registers, valid data appears tDOM after the
falling edge of CS. When reading CLUT locations, an extra
CLUT Read step is needed to set up the CLUT Read
sequence. This is accomplished in the table by executing an
extra CLUT Read step just before the CLUT Read sequence
which returns successive d, e, and f data. CLUT Read
sequences must be terminated an extra CS falling edge. This
requirement is usually accomplished by executing the next
I/O step. If there is no planned next step in the sequence,
executing a Control Register Read step will meet the require-
ment and terminate the sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com