Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22091 Datasheet(PDF) 39 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 39 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 42Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 43Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
39
Internal Pixel Data Control
When programmed as an output, PDC goes HIGH four
PXCK periods prior to the end of CBP (as programmed in
the horizontal timing registers) which is also four PXCK
cycles prior to required input of the first pixel of a line.
Pixels produced by the encoder appear at the analog outputs
(COMPOSITE, LUMA, CHROMA) 40 clocks after they are
registered into the PD port. Note that the pixels enter at one-
half the PXCK rate. The encoded signal passes through
interpolation filters which generate intermediate output val-
ues, improving the output frequency response and greatly
simplifying the external reconstruction filter. The interpo-
lated pixels are designated PI in the diagram.
Figure 17. External Pixel Data Control
PXCK
24358A
COMPOSITE
OUTPUT
POST-FILTER
OUTPUT
PDC
PD
P1
P2
P1
P3
P4
P19
P20
P22
P23
P24
PI1 P2 PI2 P3
P21
Figure 18. Internal Pixel Data Control
PXCK
tDO
24357A
COMPOSITE
OUTPUT
POST-FILTER
OUTPUT
PDC
PD
P1
P2
P1
P3
P4
P19
P20
P22
P23
P24
PI1 P2 PI2 P3
P21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com