Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22091 Datasheet(PDF) 21 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 21 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 19Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 25Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
21
Control Register Definitions (continued)
Timing Register (18)
7
6
5
4
3
2
1
0
XBP
VA
VC
VB
Reg
Bit
Name
Function
18
7-6
XBP
Extended color back porch 2 MSBs. These two bits hold the MSBs of a 10-bit
value extending from 0 to 1023 PCK cycles. The LSBs are located in control
register 14.
18
5-4
VA
Active video 2 MSB. These two bits hold the MSBs of a 10-bit value extending
from 0 to 1023 PCK cycles. The LSBs are located in control register 15.
18
3-2
VC
Active video start 2 MSBs. These two bits hold the MSBs of a 10-bit value which
is the initial half active video length extending from 0 to 1023 PCK cycles. The
LSBs are located in control register 16.
18
1-0
VB
Active video end 2 MSBs. These two bits hold the MSBs of a 10-bit value which
is the end half active video length extending from 0 to 1023 PCK cycles. The
LSBs are located in control register 17.
Timing Registers (19-1E)
Reg
Bit
Name
Function
19
7-0
FP
Front porch length. This 8-bit register holds a value extending from 0 to 255
PCK cycles.
1A
7-0
EL
Equalization pulse LOW length. This 8-bit register holds a value from 0 to 255
PCK cycles.
1B
7-0
EH
Equalization pulse HIGH length. This 8-bit register holds a value extending from
0 to 255 PCK cycles. This value, when added to 256 (or 512), determines the
final pulse length in the range of 256 to 511 (or 767) PCK cycles.
1C
7-0
SL
Vertical sync LOW length. This 8-bit register holds a value from 0 to 255 PCK
cycles. This value, when added to 256 (or 512), determines the final pulse
length in the range of 256 to 511 (or 767) PCK cycles.
1D
7-0
SH
Vertical sync HIGH length. This 8-bit register holds a value extending from 0 to
255 PCK cycles.
1E
7-0
CBL
Color bar length. This 8-bit register holds a value which is the length of each
color bar displayed extending from 0 to 255 PCK cycles.
Timing Register (1F)
7
6
5
4
3
2
1
0
FIELD
LTYPE
Reg
Bit
Name
Function
1F
7-5
FIELD
Field identification (read only). These three bits are updated 12 PXCK periods
after each VHSYNC. They allow the user to determine field type on a
continuous basis.
1F
4-0
LTYPE
Line type identification (read only). These five bits are updates 5 PXCK periods
after each VHSYNC. They allow the user to determine line type on a continuous
basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com