Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX712C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX712C/D Datasheet HTML 3Page - Maxim Integrated Products MAX712C/D Datasheet HTML 4Page - Maxim Integrated Products MAX712C/D Datasheet HTML 5Page - Maxim Integrated Products MAX712C/D Datasheet HTML 6Page - Maxim Integrated Products MAX712C/D Datasheet HTML 7Page - Maxim Integrated Products MAX712C/D Datasheet HTML 8Page - Maxim Integrated Products MAX712C/D Datasheet HTML 9Page - Maxim Integrated Products MAX712C/D Datasheet HTML 10Page - Maxim Integrated Products MAX712C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
_______________________________________________________________________________________
7
Table 2. Programming the Number
of Cells
Table 3. Programming the Maximum
Charge Time
CONTROL LOGIC
+5V SHUNT
REGULATOR
TIMER
PGM2
PGM3
V+
BATT-
BATT-
UNDER_VOLTAGE
BATT-
DRV
V+
REF
100k
Ω
100k
Ω
N
HOT
ΔV_DETECT
TIMED_OUT
BATT-
FASTCHG
GND
CC
BATT-
GND
CELL_VOLTAGE
INTERNAL IMPEDANCE OF PGM0–PGM3 PINS
FAST_CHARGE
POWER_ON_RESET
IN_REGULATION
VLIMIT
BATT+
PGM0
PGM1
PGM2
PGM3
PGMx
THI
TEMP
TLO
ΔV
DETECTION
TEMPERATURE
COMPARATORS
CURRENT
AND
VOLTAGE
REGULATOR
COLD
0.4V
MAX712
MAX713
Figure 1. Block Diagram
PGM1
CONNECTION
PGM0
CONNECTION
1
V+
V+
NUMBER
OF CELLS
2
Open
V+
4
BATT-
V+
3
REF
V+
6
Open
Open
5
V+
Open
8
BATT-
Open
7
REF
Open
10
Open
REF
9
V+
REF
12
BATT-
REF
11
REF
REF
14
Open
BATT-
13
V+
BATT-
16
BATT-
BATT-
15
REF
BATT-
22
V+
REF
PGM3
CONN
PGM2
CONN
22
V+
Open
33
V+
BATT-
TIMEOUT
(min)
33
V+
V+
45
Open
REF
45
Open
Open
66
Open
BATT-
66
Open
V+
90
REF
REF
90
REF
Open
132
REF
BATT-
132
REF
V+
180
BATT-
REF
180
BATT-
Open
264
BATT-
BATT-
264
BATT-
V+
21
21
21
A/D
SAMPLING
INTERVAL
(s) (tA)
21
42
42
42
42
84
84
84
84
168
168
168
168
Enabled
Disabled
Enabled
VOLTAGE-
SLOPE
TERMINATION
Disabled
Enabled
Disabled
Enabled
Disabled
Enabled
Disabled
Enabled
Disabled
Enabled
Disabled
Enabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com