Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX712C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX712C/D Datasheet HTML 9Page - Maxim Integrated Products MAX712C/D Datasheet HTML 10Page - Maxim Integrated Products MAX712C/D Datasheet HTML 11Page - Maxim Integrated Products MAX712C/D Datasheet HTML 12Page - Maxim Integrated Products MAX712C/D Datasheet HTML 13Page - Maxim Integrated Products MAX712C/D Datasheet HTML 14Page - Maxim Integrated Products MAX712C/D Datasheet HTML 15Page - Maxim Integrated Products MAX712C/D Datasheet HTML 16Page - Maxim Integrated Products MAX712C/D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
14
______________________________________________________________________________________
Linear-Mode, High Series Cell Count
The absolute maximum voltage rating for the BATT+ pin
is higher when the MAX712/MAX713 are powered on. If
more than 11 cells are used in the battery, the BATT+
input voltage must be limited by external circuitry when
DC IN is not applied (Figure 15).
Efficiency During Discharge
The current-sense resistor, RSENSE, causes a small
efficiency loss during battery use. The efficiency loss is
significant only if RSENSE is much greater than the
battery stack’s internal resistance. The circuit in Figure
16 can be used to shunt the sense resistor whenever
power is removed from the charger.
Status Outputs
Figure 17 shows a circuit that can be used to indicate
charger status with logic levels. Figure 18 shows a
circuit that can be used to drive LEDs for power and
charger status.
11
6
5
0
200
600
1000
7
10
400
800
9
8
LOW PEAK
HIGH PEAK
120Hz
RIPPLE
LOAD CURRENT (mA)
Figure 11. Sony CD Player AC Adapter AC-96N Load
Characteristic, 9VDC 600mA
4.3
4.2
030
90
4.5
5.0
4.9
4.7
4.4
60
TIME (MINUTES)
4.8
4.6
ΔV
Δt
CUTOFF
26
24
30
40
38
34
28
36
32
V
T
MAX712/713
Figure 13. 3 NiMH Cells Charged with MAX712
10
8
0
200
600
12
18
400
LOAD CURRENT (mA)
800
16
14
HIGH PEAK
LOW PEAK
120Hz
RIPPLE
Figure 12. Panasonic Modem AC Adapter KX-A11 Load
Characteristic, 12VDC 500mA
4.3
4.2
030
90
4.5
5.0
4.9
4.7
4.4
MAX712/713
60
TIME (MINUTES)
4.8
4.6
26
24
30
40
38
34
28
36
32
ΔV
Δt
CUTOFF
V
T
Figure 14. NiMH Cells Charged with MAX713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com