Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX712C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX712C/D Datasheet HTML 9Page - Maxim Integrated Products MAX712C/D Datasheet HTML 10Page - Maxim Integrated Products MAX712C/D Datasheet HTML 11Page - Maxim Integrated Products MAX712C/D Datasheet HTML 12Page - Maxim Integrated Products MAX712C/D Datasheet HTML 13Page - Maxim Integrated Products MAX712C/D Datasheet HTML 14Page - Maxim Integrated Products MAX712C/D Datasheet HTML 15Page - Maxim Integrated Products MAX712C/D Datasheet HTML 16Page - Maxim Integrated Products MAX712C/D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
______________________________________________________________________________________
13
Some battery packs come with a temperature-detect-
ing thermistor connected to the battery pack’s negative
terminal. In this case, use the configuration shown in
Figure 9b. Thermistors T2 and T3 can be replaced by
standard resistors if absolute temperature charge cut-
off is acceptable. All resistance values in Figures 9a
and 9b should be chosen in the 10k
Ω to 500kΩ range.
__________Applications Information
Battery-Charging Examples
Figures 13 and 14 show the results of charging 3 AA,
1000mAh, NiMH batteries from Gold Peak (part no.
GP1000AAH, GP Batteries (619) 438-2202) at a 1A rate
using the MAX712 and MAX713, respectively. The
Typical Operating Circuit is used with Figure 9a’s
thermistor configuration .
DC IN = Sony AC-190 +9VDC at 800mA AC-DC adapter
PGM0 = V+, PGM1 = REF, PGM2 = REF, PGM3 = REF
R1 = 200
Ω, R2 = 150Ω, RSENSE = 0.25Ω
C1 = 1µF, C2 = 0.01µF, C3 = 10µF, VLIMIT = REF
R3 = 10k
Ω, R4 = 15kΩ
T1, T2 = part #14A1002 (Alpha Sensors: 858-549-4660) R5
omitted, T3 omitted, TLO = BATT-
0.022
μF
0.022
μF
NOTE: FOR ABSOLUTE TEMPERATURE CHARGE CUTOFF, T2 AND T3 CAN BE
REPLACED BY STANDARD RESISTORS.
1
μF
TEMP
TLO
IN THERMAL
CONTACT WITH
BATTERY
AMBIENT
TEMPERATURE
AMBIENT
TEMPERATURE
T3
+2.0V
T2
T1
R3
R4
R5
HOT
REF
THI
BATT-
COLD
MAX712
MAX713
Figure 9a. Temperature Comparators
MAX712
MAX713
0.022
μF
0.022
μF
NOTE: FOR ABSOLUTE TEMPERATURE CHARGE CUTOFF, T2 AND T3 CAN BE
REPLACED BY STANDARD RESISTORS.
1
μF
TEMP
TLO
AMBIENT
TEMPERATURE
AMBIENT
TEMPERATURE
IN THERMAL
CONTACT WITH
BATTERY
T3
+2.0V
T1
T2
R4
R3
R5
HOT
REF
THI
BATT-
COLD
Figure 9b. Alternative Temperature Comparator Configuration
11
6
0
200
600
1000
7
10
400
800
9
8
120Hz RIPPLE
LOW PEAK
HIGH PEAK
LOAD CURRENT (mA)
Figure 10. Sony Radio AC Adapter AC-190 Load Characteristic,
9VDC 800mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com