Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX712C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX712C/D Datasheet HTML 5Page - Maxim Integrated Products MAX712C/D Datasheet HTML 6Page - Maxim Integrated Products MAX712C/D Datasheet HTML 7Page - Maxim Integrated Products MAX712C/D Datasheet HTML 8Page - Maxim Integrated Products MAX712C/D Datasheet HTML 9Page - Maxim Integrated Products MAX712C/D Datasheet HTML 10Page - Maxim Integrated Products MAX712C/D Datasheet HTML 11Page - Maxim Integrated Products MAX712C/D Datasheet HTML 12Page - Maxim Integrated Products MAX712C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
_______________________________________________________________________________________
9
The MAX712/MAX713 can be configured so that voltage
slope and/or battery temperature detects full charge.
Figure 4 shows a charging event in which a battery is
inserted into an already powered-up MAX712/MAX713.
During time 1, the charger’s output voltage is regulated
at the number of cells times VLIMIT. Upon insertion of
the battery (time 2), the MAX712/MAX713 detect cur-
rent flow into the battery and switch to fast-charge
state. Once full charge is detected, the device reverts
to trickle charge (time 3). If the battery is removed (time
4), the MAX712/MAX713 remain in trickle charge and
the output voltage is once again regulated as in time 1.
Powering the MAX712/MAX713
AC-to-DC wall-cube adapters typically consist of a trans-
former, a full-wave bridge rectifier, and a capacitor.
Figures 10–12 show the characteristics of three con-
sumer product wall cubes. All three exhibit substantial
120Hz output voltage ripple. When choosing an adapter
for use with the MAX712/MAX713, make sure the lowest
wall-cube voltage level during fast charge and full load is
at least 1.5V higher than the maximum battery voltage
while being fast charged. Typically, the voltage on the
battery pack is higher during a fast-charge cycle than
while in trickle charge or while supplying a load. The volt-
age across some battery packs may approach 1.9V/cell.
The 1.5V of overhead is needed to allow for worst-case
voltage drops across the pass transistor (Q1 of Typical
2N3904
D1
Q1
V+
DRV
DC IN
R1
R2
MAX712
MAX713
Figure 5. DRV Pin Cascode Connection (for high DC IN voltage
or to reduce MAX712/MAX713 power dissipation in linear mode)
↑
1
x
UNDER_VOLTAGE
IIN
N_
_R
RE
EG
GU
UL
LA
AT
TIIO
ON
N
0
x
x
↑
x
x
P
PO
OW
WE
ER
R_
_O
ON
N_
_R
RE
ES
SE
ET
T
↑
x
1
↑
0
0
↑
x
x
1
0
0
1
0
0
1
0
↓
1
↓
0
1
0
0
1
0
0
1
x
x
1
x
x
1
0
↑
1
↑
0
Table 4. MAX712/MAX713 Charge-State Transition Table†
x
C
CO
OL
LD
D
x
0
x
1
x
↓
1
1
1
↑
1
x
0
x
x
x
H
HO
OT
T
x
x
x
1
0
1
1
1
1
1
↑
0
x
x
x
No change
RESULT*
Set trickle
No change
No change
Set fast
No change***
No change
No change
Set fast
Set fast
Set fast**
No change***
Trickle to fast transition inhibited
Trickle to fast transition inhibited
Set trickle
Set trickle
1
x
x
x
↓
Set trickle
† Only two states exist: fast charge and trickle charge.
* Regardless of the status of the other logic lines, a timeout or a voltage-slope detection will set trickle charge.
** If the battery is cold at power-up, the first rising edge on COLD will trigger fast charge; however, a second rising edge will
have no effect.
*** Batteries that are too hot when inserted (or when circuit is powered up) will not enter fast charge until they cool and power is recycled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com