Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8586ETA/V Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8586ETA/V
Description  Single 1.2A USB Switch in 3mm x 3mm TDFN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8586ETA/V Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8586ETA/V Datasheet HTML 3Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 4Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 5Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 6Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 7Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 8Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 9Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 10Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Single 1.2A USB Switch in
3mm x 3mm TDFN
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
SEL
ON Polarity Selector Input. Drive SEL high to select ON for an active-high enable. Drive SEL to GND to select
ON for an active-low enable.
2
ISET
Current-Limit Programming Input. Connect a resistor from ISET to GND to set the internal current limit. The
valid range for RISET is 26k
Ω to 60kΩ.
3ON
Enable Input. Drive ON high to enable the device when SEL is high. Drive ON low to enable the device when
SEL is low.
4IN
Power-Supply Input. Connect to an input power supply in the 2.75V to 5.5V range. Bypass IN to GND with a
1µF or greater ceramic capacitor.
5
OUT
Power Output. Bypass OUT to GND with a 1µF or greater capacitor. OUT is high impedance during
shutdown.
6
FAULT
Open-Drain Fault-Indicator Output. FAULT is low when the input is below UVLO, or during current limit,
reverse current detection, or thermal shutdown.
7
GND
Ground. Connect GND to the exposed paddle and to a ground plane.
8
ENRESET
Auto-Restart Enable Input. Drive ENRESET high to enable auto-restart mode. Drive ENRESET low to disable
auto-restart mode.
—
EP
Exposed Pad. Connect the exposed pad to a large ground plane to improve thermal power dissipation.
Functional Diagram
CURRENT-
LIMIT
CIRCUITRY
CONTROL
LOGIC
MAX8586
O.5V
FAULT
ENRESET
ISET
OUT
N
25mA
SEL
IN
ON
GND
CHARGE
PUMP
OSCILLATOR
AUTO-
RESTART
CIRCUITRY
THERMAL-
SHUTDOWN
CIRCUITRY
+
-
20ms
TIMER
UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com