Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8586ETA/V Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8586ETA/V
Description  Single 1.2A USB Switch in 3mm x 3mm TDFN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8586ETA/V Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8586ETA/V Datasheet HTML 1Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 2Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 3Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 4Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 5Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 6Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 7Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 8Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Single 1.2A USB Switch in
3mm x 3mm TDFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VON = VSEL = VENRESET = 5V, RISET = 26kΩ to GND, RFAULT = 100kΩ pullup to VIN, COUT = 0.1µF, TA = -40°C to +85°C.
Typical values are at TA = +25°C, unless otherwise specified.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design.
Note 2: The output voltage at which the device transitions from short-circuit current limit to continuous current limit.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-On Delay
ROUT = 10
Ω, COUT = 1µF, measured from
ON rising to 10% of VOUT, does not include
rise time
0.5
1.5
4.0
ms
Output Rise Time
ROUT = 10
Ω, COUT = 1µF, measured from
10% to 90% of VOUT
5.5
ms
Turn-Off Delay from ON
ROUT = 10
Ω, COUT = 1µF measured from
ON falling to 90% of VOUT
100
1000
µs
Output Fall Time
ROUT = 10
Ω, COUT = 1µF, measured from
90% to 10% of VOUT
4ms
Thermal-Shutdown Threshold
15
°C hysteresis (typ)
+160
°C
VIN = 2.75V to 4.0V
1.6
ON, SEL, ENRESET Logic Input High Voltage
VIN = 4.0V to 5.5V
2.0
V
VIN = 2.75V to 4.0V
0.6
ON, SEL, ENRESET Logic Input Low Voltage
VIN = 4.0V to 5.5V
0.8
V
Logic Input Current
TA = +25
°C-1
+1
µA
FAULT Output Low Voltage
ISINK = 1mA
0.4
V
FAULT Output High Leakage Current
VIN = 5.5V, TA = +25
°C1
µA
ISET Current-Limit Trip Point
RISET = 26k
Ω
600
mV
ISET External Resistance Range
26
60
k
Ω
Auto-Restart Current
In latched-off state, VOUT = 0V
10
25
60
mA
Auto-Restart Threshold
In latched-off state, VOUT rising
0.4
0.5
0.6
V
Auto-Restart Delay
In latched-off state, VOUT>1V
8
20
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com