Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8586ETA/V Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8586ETA/V
Description  Single 1.2A USB Switch in 3mm x 3mm TDFN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8586ETA/V Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8586ETA/V Datasheet HTML 1Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 2Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 3Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 4Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 5Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 6Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 7Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 8Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Single 1.2A USB Switch in
3mm x 3mm TDFN
4
_______________________________________________________________________________________
QUIESCENT SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
1
2
3
5
10
15
20
25
30
35
40
0
06
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
2
1
1
2
3
4
5
6
7
8
9
10
0
06
VON = 0V
SWITCH LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
-40
85
VON = 0V
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.75
1.00
1.25
1.50
0.50
-40
85
CONTINUOUS CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
1.40
-40
85
VENRESET = 0V
CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.32
1.34
1.36
1.38
1.40
1.42
1.44
1.46
1.48
1.50
1.30
-40
85
VENRESET = 5V
CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4.8
4.1
3.4
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
1.0
2.7
5.5
VENRESET = 5V
SWITCH ON-TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
4.0
-40
85
RLOAD = 5
Ω
NO LOAD
MEASURED FROM ON HIGH UNTIL
VOUT REACHES 90% OF THE INPUT
SWITCH OFF-TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1
2
3
4
5
6
7
8
9
10
0
-40
85
RLOAD = 5
Ω
MEASURED FROM ON LOW UNTIL
VOUT FALLS TO 10% OF THE INPUT
Typical Operating Characteristics
(Typical Application Circuit, VIN = VON = VSEL = VENRESET = 5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com