Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8586ETA/V Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8586ETA/V
Description  Single 1.2A USB Switch in 3mm x 3mm TDFN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8586ETA/V Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8586ETA/V Datasheet HTML 1Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 2Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 3Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 4Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 5Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 6Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 7Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 8Page - Maxim Integrated Products MAX8586ETA/V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Typical Operating Characteristics (continued)
(Typical Application Circuit, VIN = VON = VSEL = VENRESET = 5V, TA = +25°C, unless otherwise noted.)
Single 1.2A USB Switch in
3mm x 3mm TDFN
_______________________________________________________________________________________
5
FAULT-BLANKING TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
17
19
21
23
25
27
29
31
33
35
15
-40
85
AUTO-RESTART CURRENT
vs. TEMPERATURE
21
22
23
24
26
25
27
28
20
TEMPERATURE (
°C)
60
35
10
-15
-40
85
AUTO-RESTART CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4.8
4.1
3.4
15
20
25
30
35
40
10
2.7
5.5
RLOAD = 0.5
Ω
OVERLOAD RESPONSE INTO 2
Ω
MAX8586 toc13
10ms/div
VOUT
IOUT
IIN
5V/div
5V/div
2A/div
2A/div
FAULT
FAULT REMOVED
OVERLOAD RESPONSE INTO SHORT CIRCUIT
MAX8586 toc14
10ms/div
VOUT
IOUT
IIN
5V/div
5V/div
2A/div
2A/div
FAULT
FAULT REMOVED
SWITCH TURN-ON WAVEFORM INTO NO LOAD
MAX8586 toc15
1ms/div
VOUT
VON
2V/div
2V/div
SWITCH TURN-ON WAVEFORM INTO 5
Ω LOAD
MAX8586 toc16
1ms/div
VOUT
VON
2V/div
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com