Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2123 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2123
Description  15 Volt, 15 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2123 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2123 Datasheet HTML 1Page - Vicor Corporation PI2123 Datasheet HTML 2Page - Vicor Corporation PI2123 Datasheet HTML 3Page - Vicor Corporation PI2123 Datasheet HTML 4Page - Vicor Corporation PI2123 Datasheet HTML 5Page - Vicor Corporation PI2123 Datasheet HTML 6Page - Vicor Corporation PI2123 Datasheet HTML 7Page - Vicor Corporation PI2123 Datasheet HTML 8Page - Vicor Corporation PI2123 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PI2123
Cool-ORing
TM Series
15 Volt, 15 Amp Full-Function Active ORing Solution
Description
The Cool-ORing
TM PI2123 is a complete full-function
Active ORing solution with a high-speed ORing
MOSFET controller and a very low on-state
resistance MOSFET designed for use in redundant
power system architectures. The PI2123 Cool-ORing
solution is offered in an extremely small, thermally
enhanced 5mm x 7mm LGA package and can be
used in high side Active ORing applications on bus
voltages up to 9.6V. The PI2123 enables extremely
low power loss with fast dynamic response to fault
conditions, critical for high availability systems. A
master/slave feature allows the paralleling of PI2123
solutions
for
high
current
Active
ORing
requirements.
The PI2123, with its 3m
Ω internal MOSFET provides
very high efficiency and low power loss during
steady state operation, while achieving high-speed
turn-off of the internal MOSFET during input power
source fault conditions that cause reverse current
flow. The PI2123 provides an active low fault flag
output to the system during excessive forward
current, light load, reverse current, over-voltage,
under-voltage and over-temperature fault conditions.
A temperature sensing function indicates a fault if
the maximum junction temperature exceeds 160
°C.
The under-voltage and over-voltage thresholds are
programmable via external resistor dividers.
Features
•
Integrated High Performance 15A, 3m
Ω
MOSFET
•
Very-small, high density fully-optimized solution
providing simple PCB layout.
•
Fast Dynamic Response to Power Source
failures, with 160ns reverse current turn-off
delay time
•
Accurate sensing capability to indicate system
fault conditions
•
Programmable under & over-voltage functions
•
Over temperature fault detection
•
Adjustable reverse current blanking timer
•
Master/Slave I/O for paralleling
•
Active low fault flag output
Applications
•
N+1 Redundant Power Systems
•
Servers & High End Computing
•
Telecom Systems
•
High-side Active ORing
•
High current Active ORing ( ≤ 9.6Vbus)
Package Information
•
17-pin 5mm x 7mm Thermally Enhanced LGA
Package
Typical Application:
Figure 1: PI2123
High Side Active ORing
Figure 2:
PI2123 input current de-rating based on maximum
TJ=150°C vs. ambient temperature.
Picor Corporation • picorpower.com
PI2123
Rev 1.0
Page 1 of 20


Similar Part No. - PI2123

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2121 VICOR-PI2121 Datasheet
1Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
PI2121 VICOR-PI2121 Datasheet
2Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
Rev. 1.2
PI2121-00-LGIZ VICOR-PI2121-00-LGIZ Datasheet
1Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
PI2121-00-LGIZ VICOR-PI2121-00-LGIZ Datasheet
2Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
Rev. 1.2
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
PI2121-EVAL1 Full-Function Active ORing
More results

Similar Description - PI2123

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD519023 SENSITRON-SHD519023 Datasheet
42Kb / 2P
FIXED NEGATIVE 1.5 AMP 15 VOLT REGULATOR
logo
Vicor Corporation
PI2121 VICOR-PI2121 Datasheet
1Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
12Amp Active ORing Solution With Load Disconnect
PI2125 VICOR-PI2125 Datasheet
1Mb / 20P
30 Volt, 12 Amp Full-Function Active ORing Solution
logo
Sensitron
SHD526013A SENSITRON-SHD526013A Datasheet
49Kb / 2P
POSITIVE FIXED 15 VOLT 1.5 AMP REGULATOR
logo
Vicor Corporation
PI2126 VICOR-PI2126 Datasheet
1Mb / 15P
30 Volt, 12 Amp Full-Function Active ORing Solution
PI2127 VICOR-PI2127 Datasheet
1Mb / 19P
60 Volt, 12 Amp Full-Function Active ORing Solution
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
PI2121-EVAL1 Full-Function Active ORing
PI2126-EVAL1 VICOR-PI2126-EVAL1 Datasheet
916Kb / 8P
PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
PI2127-EVAL1 VICOR-PI2127-EVAL1 Datasheet
1Mb / 9P
PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com