Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2123 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI2123
Description  15 Volt, 15 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2123 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI2123 Datasheet HTML 9Page - Vicor Corporation PI2123 Datasheet HTML 10Page - Vicor Corporation PI2123 Datasheet HTML 11Page - Vicor Corporation PI2123 Datasheet HTML 12Page - Vicor Corporation PI2123 Datasheet HTML 13Page - Vicor Corporation PI2123 Datasheet HTML 14Page - Vicor Corporation PI2123 Datasheet HTML 15Page - Vicor Corporation PI2123 Datasheet HTML 16Page - Vicor Corporation PI2123 Datasheet HTML 17Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Picor Corporation • picorpower.com
PI2123
Rev 1.0
Page 13 of 20
Figure 18:
Plot of PI2123 response time to reverse current detection
Application Information
The PI2123 is designed to replace ORing diodes in
high
current,
low
voltage
redundant
power
architectures. Replacing a traditional diode with a
PI2123 will result in significant power dissipation
reduction as well as board space reduction,
efficiency improvement and additional protection
features.
This section describes in detail the
procedure to follow when designing with the PI2123
Active ORing solution.
Fault Indication:
The FT output pin is an open collector and should
be pulled up to the logic voltage or to the controller
VC via a resistor (10KΩ)
Blanking Timer:
Connect the blanking timer pin (BK) to GND to
program the device for the fastest reverse
comparator response time of 160ns typical.
To
increase the blanking time, connect the BK pin to
GND via a resistor to avoid the fault response to
short reverse current pulses. Refer to the plot in the
reverse
comparator
functional
description
for
resistor values versus the reverse blanking time.
Auxiliary Power Supply (Vaux):
Vaux is an independent power source required to
supply power to the VC input. The Vaux voltage
should be 6V higher than Vin (redundant power
source output voltage) to fully enhance the internal
MOSFET.
A bias resistor (Rbias) is required if Vaux is higher
than 15V. Rbias should be connected between the
VC pin and Vaux.
Minimize the resistor value for low Vaux voltage
levels to avoid a voltage drop that may reduce the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com