Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2123 Datasheet(PDF) 12 Page - Vicor Corporation

Part # PI2123
Description  15 Volt, 15 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2123 Datasheet(HTML) 12 Page - Vicor Corporation

Back Button PI2123 Datasheet HTML 8Page - Vicor Corporation PI2123 Datasheet HTML 9Page - Vicor Corporation PI2123 Datasheet HTML 10Page - Vicor Corporation PI2123 Datasheet HTML 11Page - Vicor Corporation PI2123 Datasheet HTML 12Page - Vicor Corporation PI2123 Datasheet HTML 13Page - Vicor Corporation PI2123 Datasheet HTML 14Page - Vicor Corporation PI2123 Datasheet HTML 15Page - Vicor Corporation PI2123 Datasheet HTML 16Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Picor Corporation • picorpower.com
PI2123
Rev 1.0
Page 12 of 20
Thermal Characteristics:
Figure 13:
Junction Temperature vs. Input Current
(0LFM)
Figure 14:
Junction Temperature vs. Input Current
(200LFM)
Figure 15:
PI2123 mounted on PI2121-EVAL1
Thermal Image picture, Iout=15A, TA=25°C,
Air Flow=0LFM
Figure 16:
PI2123 mounted on PI2121-EVAL1
Thermal Image picture, Iout=15A, TA=25°C,
Air Flow=200LFM
Figure 17:
PI2123 input current de-rating based on maximum TJ=150°C vs. ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com