Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2123 Datasheet(PDF) 18 Page - Vicor Corporation

Part # PI2123
Description  15 Volt, 15 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2123 Datasheet(HTML) 18 Page - Vicor Corporation

Back Button PI2123 Datasheet HTML 12Page - Vicor Corporation PI2123 Datasheet HTML 13Page - Vicor Corporation PI2123 Datasheet HTML 14Page - Vicor Corporation PI2123 Datasheet HTML 15Page - Vicor Corporation PI2123 Datasheet HTML 16Page - Vicor Corporation PI2123 Datasheet HTML 17Page - Vicor Corporation PI2123 Datasheet HTML 18Page - Vicor Corporation PI2123 Datasheet HTML 19Page - Vicor Corporation PI2123 Datasheet HTML 20Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Picor Corporation • picorpower.com
PI2123
Rev 1.0
Page 18 of 20
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical
land pattern for the PI2123 is shown in Figure 23:
•
Make sure to have a solid ground (return) plane
to reduce circuit parasitic.
•
Connect all S pads together with a wide trace to
reduce trace parasitics to accommodate the high
current input, and also connect all D pads
together with a wide trace to accommodate the
high current output.
•
Connect the SP pin to the S pins and connect
the SN pin to D pins as shown in figure 23.
•
Use 1oz of copper or thicker if possible to
reduce trace resistance and reduce power
dissipation.
•
The VC bypass capacitor should be located as
close as possible to the VC and GND pins.
Place the PI2123 and bypass capacitor on the
same layer of the board. The VC pin and CVC
(shown as C2 in Figure 23) PCB trace should
not contain any vias or connect to the ground
plane close to GND pin.
•
Keep the power source very close to the S input
pins, any parasitic in the trace connecting the
power source and S pins will have inductive kick
back when there is high current flow in the trace
and the MOSFET turns off due to reverse
current fault conditions. The inductive kick back
will produce a high voltage across the MOSFET.
If it is not possible to connect the power source
and S pins with a very short trace or common
point, connect a capacitor (shown as C5 in
figure 23), recommended value 1µF, close to the
S pins and return (ground). Also for the same
reason use C7 in figure 23 at the output.
Figure 24:
PI2123 Mounted on PI2121-EVAL1
Please visit www.picorpower.com for information on PI2121-EVAL1
Figure 23:
PI2123 layout recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com