Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC652
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC652 Datasheet HTML 3Page - Semtech Corporation SC652 Datasheet HTML 4Page - Semtech Corporation SC652 Datasheet HTML 5Page - Semtech Corporation SC652 Datasheet HTML 6Page - Semtech Corporation SC652 Datasheet HTML 7Page - Semtech Corporation SC652 Datasheet HTML 8Page - Semtech Corporation SC652 Datasheet HTML 9Page - Semtech Corporation SC652 Datasheet HTML 10Page - Semtech Corporation SC652 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SC652
7
Ripple — 1X Mode
V
IN
(100mV/div)
V
IN
=4.2V, R
ISET
= 4kΩ, 5 Backlights — 25 mA each, 25°C (see note 1)
Time (10μs/div)
V
OUT
(100mV/div)
Ripple — 1.5X Mode
V
IN
(100mV/div)
V
IN
=3.2V, R
ISET
= 4kΩ, 5 Backlights — 25 mA each, 25°C (see note 1)
Time (10μs/div)
V
OUT
(100mV/div)
Ripple — 2X Mode
V
IN
(100mV/div)
V
IN
=2.9V, R
ISET
= 4kΩ, 5 Backlights — 25 mA each, 25°C (see note 1)
Time (10μs/div)
V
OUT
(100mV/div)
Typical Characteristics (continued)
NOTE 1: C
IN
= C
OUT
= 4.7μF — 0603 size (1608 metric); C
1
= C
2
= 2.2μF — 0402 size (1005 metric)
NOTE 2: C
IN
= C
OUT
= C
1
= C
2
= 2.2μF — 0603 size (1608 metric)
Ripple — 1X Mode
V
IN
(100mV/div)
V
IN
=4.2V, R
ISET
= 5.56kΩ, 5 Backlights — 18 mA each, 25°C (see note 2)
Time (10μs/div)
V
OUT
(100mV/div)
Ripple — 1.5X Mode
V
IN
(100mV/div)
V
IN
=3.2V, R
ISET
= 5.56kΩ, 5 Backlights — 18 mA each, 25°C (see note 2)
Time (10μs/div)
V
OUT
(100mV/div)
Ripple — 2X Mode
V
IN
(100mV/div)
V
IN
=2.9V, R
ISET
= 5.56kΩ, 5 Backlights — 18 mA each, 25°C (see note 2)
Time (10μs/div)
V
OUT
(100mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com