Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC652
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652 Datasheet(HTML) 1 Page - Semtech Corporation

  SC652 Datasheet HTML 1Page - Semtech Corporation SC652 Datasheet HTML 2Page - Semtech Corporation SC652 Datasheet HTML 3Page - Semtech Corporation SC652 Datasheet HTML 4Page - Semtech Corporation SC652 Datasheet HTML 5Page - Semtech Corporation SC652 Datasheet HTML 6Page - Semtech Corporation SC652 Datasheet HTML 7Page - Semtech Corporation SC652 Datasheet HTML 8Page - Semtech Corporation SC652 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT
1
SC652
Backlight Driver for 5 LEDs with
Charge Pump and PWM Control
Features
Input supply voltage range — 2.9V to 5.5V
Charge pump modes — 1x, 1.5x and 2x
PWM dimming control with low pass filter provides
DC backlight current (not pulsed)
PWM frequency range — 200Hz to 50kHz
Five adjustable current sinks — 500μA to 25mA
Backlight current accuracy ±1.5% typical
Backlight current matching ±0.5% typical
LED float detection
Charge pump frequency — 250kHz
Low shutdown current — 0.1μA typical
Ultra-thin package — 2 x 2 x 0.6(mm)
Fully WEEE and RoHS compliant
Applications
Cellular phones, smart phones, and PDAs
LCD display modules
Portable media players
Digital cameras
Personal navigation devices
Display/keypad backlighting and LED indicators
Description
The SC652 is a high efficiency charge pump LED driver
using Semtech’s proprietary charge pump technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The device provides backlight current using up to five
matched current sinks. The load and supply conditions
determine whether the charge pump operates in 1x, 1.5x,
or 2x mode.
The maximum current per LED is set by a resistor (R
ISET
)
connected from the ISET pin to the input voltage. The
current can be set between 500μA and 25mA. This current
can be varied by applying a pulse-width modulated (PWM)
signal to the EN/PWM pin. A low-pass filter is used to
develop a DC current level rather than a pulsed current
output, resulting in a more efficient system. The resulting
DC current in each LED (I
BL
) is equal to the maximum
current setting multiplied by the duty cycle of the PWM
control signal. Using this control system, I
BL
can gradually
fade between levels.
With a 2 x 2 (mm) package and 4 small capacitors, the
SC652 provides a complete LED driver solution with a
minimal PCB footprint.
SC652
IN
EN/PWM
GND
OUT
BL1
ISET
CIN
2.2μF
C1+
PWM
Signal
COUT
2.2μF
BL2
BL3
BL4
C2+
C1-
C2-
RISET
BL5
C2
2.2μF
C1
2.2μF
VBAT = 2.9V to 5.5V
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
March 13, 2009


Similar Part No. - SC652

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results

Similar Description - SC652

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
Semtech Corporation
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
Backlight Driver for 5 LEDs with SemPulseTM Interface
logo
Analog Devices
ADP8870 AD-ADP8870 Datasheet
74Kb / 2P
Charge-Pump, Parallel Backlight Driver with Image Content PWM Input
Rev. Sp0
logo
Rohm
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com