Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC652
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC652 Datasheet HTML 5Page - Semtech Corporation SC652 Datasheet HTML 6Page - Semtech Corporation SC652 Datasheet HTML 7Page - Semtech Corporation SC652 Datasheet HTML 8Page - Semtech Corporation SC652 Datasheet HTML 9Page - Semtech Corporation SC652 Datasheet HTML 10Page - Semtech Corporation SC652 Datasheet HTML 11Page - Semtech Corporation SC652 Datasheet HTML 12Page - Semtech Corporation SC652 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SC652
9
Typical Characteristics (continued)
Start-up — 0% to 50%
I
BL
(10.0mA/div)
V
IN
= 3.7V, 0 to 50% duty cycle, R
ISET
= 4.99kΩ, f
PWM
= 32kHz
Time (200ms/div)
V
PWM
(2V/div)
0mA—
10mA
50%
0V—
Start-up — 0% to 100%
I
BL
(10.0mA/div)
V
IN
= 3.7V, 0 to 100% duty cycle, R
ISET
= 4.99kΩ, no PWM
Time (200ms/div)
V
PWM
(2V/div)
0mA—
20mA
100%
0V—
DC Backlight Current — 32kHz PWM
I
BL
(10.0mA/div)
V
IN
= 3.7V, 50% duty cycle, R
ISET
= 4.99kΩ, I
BL
= 10mA
Time (20μs/div)
V
PWM
(2V/div)
0mA—
0V—
DC Backlight Current — 200Hz PWM
I
BL
(10.0mA/div)
V
IN
= 3.7V, 50% duty cycle, R
ISET
= 4.99kΩ, I
BL
= 10mA
Time (1ms/div)
V
PWM
(2V/div)
0mA—
0V—
I
BL Settling Time — 50% to 100%
I
BL
(10.0mA/div)
V
IN
= 3.7V, R
ISET
= 4.99kΩ, f
PWM
= 32kHz
Time (200ms/div)
V
PWM
(2V/div)
0mA—
20mA
50%
0V—
10mA
100%
I
BL Settling Time — 100% to 50%
I
BL
(10.0mA/div)
V
IN
= 3.7V, R
ISET
= 4.99kΩ, f
PWM
= 32kHz
Time (200ms/div)
V
PWM
(2V/div)
0mA—
20mA
50%
0V—
10mA
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com