Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC652
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC652 Datasheet HTML 6Page - Semtech Corporation SC652 Datasheet HTML 7Page - Semtech Corporation SC652 Datasheet HTML 8Page - Semtech Corporation SC652 Datasheet HTML 9Page - Semtech Corporation SC652 Datasheet HTML 10Page - Semtech Corporation SC652 Datasheet HTML 11Page - Semtech Corporation SC652 Datasheet HTML 12Page - Semtech Corporation SC652 Datasheet HTML 13Page - Semtech Corporation SC652 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SC652
10
Pin Descriptions
Pin #
Pin Name
Pin Function
1
OUT
Charge pump output — all LED anode pins should be connected to this pin
2
IN
Battery voltage input
3
ISET
Current setting pin — connect a resistor between this pin and the IN pin to set the LED current
4
EN/PWM
Enable pin — also used as the PWM input for dimming control
5
BL5
Current sink output for main backlight LED 5 — leave this pin open if unused
6
BL4
Current sink output for main backlight LED 4 — leave this pin open if unused
7
BL3
Current sink output for main backlight LED 3 — leave this pin open if unused
8
BL2
Current sink output for main backlight LED 2 — leave this pin open if unused
9
BL1
Current sink output for main backlight LED 1 — leave this pin open if unused
10
GND
Ground pin
11
C2-
Negative connection to bucket capacitor 2
12
C1-
Negative connection to bucket capacitor 1
13
C1+
Positive connection to bucket capacitor 1
14
C2+
Positive connection to bucket capacitor 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com