Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5566 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5566 Datasheet HTML 11Page - Cirrus Logic CS5566 Datasheet HTML 12Page - Cirrus Logic CS5566 Datasheet HTML 13Page - Cirrus Logic CS5566 Datasheet HTML 14Page - Cirrus Logic CS5566 Datasheet HTML 15Page - Cirrus Logic CS5566 Datasheet HTML 16Page - Cirrus Logic CS5566 Datasheet HTML 17Page - Cirrus Logic CS5566 Datasheet HTML 18Page - Cirrus Logic CS5566 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
CS5566
DS806PP2
15
5/4/09
3.2 Power Consumption
The power consumption of the CS5566 converter is a function of the conversion rate. Figure 6 illustrates
the typical power consumption of the converter when operating from either MCLK = 8 MHz or
MCLK = 4 MHz. The rate at which conversions are performed directly affects the power consumption.
When the converter is powered but not converting, it is in an idle state where its power consumption is
about 11 mW. When the CONV signal goes low to start a conversion, the converter delays the actual start
of conversion for 1182 to 1186 MCLK cycles, depending upon how CONV is controlled. The timing for the
conversion sequence is shown in Figure 1 on page 6. After the 1182 - 1186 MCLK delay from when
CONV goes low, the converter enters a higher-power state for 354 MCLK cycles and then returns to a
lower-power state for 64 MCLK cycles, after which the RDY signal falls to indicate the completion of a
conversion. Since the peak operating current for the converter occurs during the 354 MCLK, higher-pow-
er state, it is recommended that a large capacitor be used on the supply to the converter (as shown in
Figures 9 and 10). This capacitor filters the peak current demand from the power supply. The average
power consumption for the converter will depend upon the frequency of MCLK and the rate at which con-
versions are performed as illustrated in Figure 1 on page 6.
Figure 6. Power Consumption vs. Conversion Rate
7.5
10
12.5
15
17.5
20
0 500 1k 1.5 2k2.5k3k3.5k4k4.5k5k
Word Rate (Sps)
MCLK = 8MHz
MCLK = 4MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com