Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5566 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5566 Datasheet HTML 17Page - Cirrus Logic CS5566 Datasheet HTML 18Page - Cirrus Logic CS5566 Datasheet HTML 19Page - Cirrus Logic CS5566 Datasheet HTML 20Page - Cirrus Logic CS5566 Datasheet HTML 21Page - Cirrus Logic CS5566 Datasheet HTML 22Page - Cirrus Logic CS5566 Datasheet HTML 23Page - Cirrus Logic CS5566 Datasheet HTML 24Page - Cirrus Logic CS5566 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
CS5566
DS806PP2
21
5/4/09
Figure 11 through Figure 16 illustrate the performance of the converter with various input signal magni-
tudes.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1k
1.5k
2k
2.5k
Frequency (Hz)
277 Hz, 0 dB
32k Samples @ 5 kSps
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1k
1.5k
2k
2.5k
Frequency (Hz)
277 Hz, -6 dB
32k Samples @ 5 kSps
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1k
1.5k
2k
2.5k
Frequency (Hz)
277 Hz, -12 dB
32k Samples @ 5 kSps
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1k
1.5k
2k
2.5k
Frequency (Hz)
277 Hz, -20 dB
32k Samples @ 5 kSps
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1k
1.5k
2k
2.5k
Frequency (Hz)
277 Hz, -80 dB
32k Samples @ 5 kSps
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1k
1.5k
2k
2.5k
Frequency (Hz)
277 Hz, -120 dB
32k Samples @ 5 kSps
Figure 11. Spectral Performance, 0 dB
Figure 12. Spectral Performance, -6 dB
Figure 13. Spectral Performance, -12 dB
Figure 14. Spectral Performance, -20 dB
Figure 15. Spectral Performance, -80 dB
Figure 16. Spectral Performance, -120 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com