Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5566 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5566 Datasheet HTML 1Page - Cirrus Logic CS5566 Datasheet HTML 2Page - Cirrus Logic CS5566 Datasheet HTML 3Page - Cirrus Logic CS5566 Datasheet HTML 4Page - Cirrus Logic CS5566 Datasheet HTML 5Page - Cirrus Logic CS5566 Datasheet HTML 6Page - Cirrus Logic CS5566 Datasheet HTML 7Page - Cirrus Logic CS5566 Datasheet HTML 8Page - Cirrus Logic CS5566 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
CS5566
4
DS806PP2
5/4/09
1. CHARACTERISTICS AND SPECIFICATIONS
•
Min / Max characteristics and specifications are guaranteed over the specified operating conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
•
VLR = 0 V. All voltages with respect to 0 V.
ANALOG CHARACTERISTICS T
A = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- = V2- = -2.5 V,
±5%; VL -VLR = 3.3 V, ±5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 8 MHz; SMODE = VL. BUFEN = V1+
unless otherwise stated. Connected per Figure 8. Bipolar mode unless otherwise stated.
1.
No missing codes is guaranteed at 24 bits resolution over the specified temperature range.
2.
One LSB is equivalent to (2 x VREF) ÷ 224 or (2 x 4.096) ÷ 16,777,216 = 488 nV.
3.
Scales with MCLK.
4.
Measured using an input signal of 1 V DC.
Parameter
Min
Typ
Max
Unit
Accuracy
Linearity Error
-
0.0005
-
±%FS
Differential Linearity Error
(Note 1)
-
±0.1
-
LSB24
Positive Full-scale Error
-
1.0
-
%FS
Negative Full-scale Error
-
1.0
-
%FS
Full-scale Drift
(Note 2)
-
1
-
PPM / °C
Bipolar Offset
(Note 2)
-
±500
-
LSB24
Bipolar Offset Drift
(Note 2)
-
1
-
LSB / °C
Noise
-
9.5
-
μVrms
Dynamic Performance
Peak Harmonic or Spurious Noise
200 Hz, -0.5 dB Input
-
-115
-
dB
Total Harmonic Distortion
200 Hz, -0.5 dB Input
-
-110
-100
dB
Signal-to-Noise
108
110
-
dB
S/(N + D) Ratio
-0.5 dB Input, 200 Hz
-60 dB Input, 200 Hz
-
-
109
50
-
-
dB
dB
-3 dB Input Bandwidth
(Note 3)
-
21
-
kHz
Analog Input
Analog Input Range (Differential)
Unipolar
Bipolar
0 to +VREF
±VREF
V
V
Input Capacitance
-
10
-
pF
CVF Current
(Note 4)
AIN Buffer On (BUFEN = V+)
AIN Buffer Off (BUFEN = V-)
-
-
600
130
-
-
nA
μA
Common Mode Rejection Ratio (DC to 2 kHz)
-100
-110
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com