Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5566 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5566 Datasheet HTML 18Page - Cirrus Logic CS5566 Datasheet HTML 19Page - Cirrus Logic CS5566 Datasheet HTML 20Page - Cirrus Logic CS5566 Datasheet HTML 21Page - Cirrus Logic CS5566 Datasheet HTML 22Page - Cirrus Logic CS5566 Datasheet HTML 23Page - Cirrus Logic CS5566 Datasheet HTML 24Page - Cirrus Logic CS5566 Datasheet HTML 25Page - Cirrus Logic CS5566 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
CS5566
22
DS806PP2
5/4/09
Figure 16 illustrates the device with a small signal 1/1,000,000 of full scale. The signal input for Figure 16
is about 8.2 microvolts peak to peak, or about 17 codes peak to peak. Figure 17 illustrates the converter
with a signal at about 2.6 microvolts peak to peak, or about 5 codes peak to peak. The CS5566 achieves
superb performance with this small signal.
Figure 18 illustrates the noise floor of the converter from 0.1 Hz to 2.5 kHz. The plot is entirely free of spu-
rious frequency content due to digital activity inside the chip.
Figure 19 illustrates a noise histogram of the converter constructed from 4096 samples.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1k
1.5k
2k
2.5k
Frequency (Hz)
277 Hz, -130 dB
32k Samples @ 5 kSps
0
10
20
30
40
50
60
70
80
90
100
4096 Samples
Mean = 96.32
Std. Dev. = 21.3
Max - Min = 150
Output Codes
-180
-160
-140
-120
-100
-80
-60
0.1
1
10
100
1k
2.5k
Frequency (Hz)
Shorted Input
2M Samples @ 5 kSps
16 Averages
Figure 17. Spectral Performance, -130 dB
Figure 19. Noise Histogram (4096 Samples)
Figure 18. Spectral Plot of Noise with Shorted Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com