Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 13 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 13 Page - Austin Semiconductor

Back Button AS4DDR232M64PBGR-3/XT Datasheet HTML 9Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 10Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 11Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 12Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 13Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 14Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 15Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 16Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 17Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
13
Austin Semiconductor, Inc.
POSTED CAS ADDITIVE LATENCY (AL)
Posted CAS additive latency (AL) is supported to make the
command and data bus efficient for sustainable bandwidths
in DDR2 SDRAM. Bits E3–E5 define the value of AL, as
shown in Figure 7. Bits E3–E5 allow the user to program
the DDR2 SDRAM with an inverse AL of 0, 1, 2, 3, or 4
clocks. Reserved states should not be used as unknown
operation or incompatibility with future versions may result.
In this operation, the DDR2 SDRAM allows a READ or WRITE
command to be issued prior to tRCD (MIN) with the
requirement that AL d” tRCD (MIN). A typical application using
this feature would set AL = tRCD (MIN) - 1x tCK. The READ or
WRITE command is held for the time of the AL before it is
issued internally to the DDR2 SDRAM device. RL is controlled
by the sum of AL and CL; RL = AL+CL. Write latency (WL) is
equal to RL minus one clock; WL = AL + CL - 1 x tCK.
FIGURE 8 - EXTENDED MODE REGISTER 2 (EMR2) DEFINITION
()
BA0
BA1
A13 A12 A11 A10 A9 A8 A7 A 6 A5 A4 A3 A2
A1 A0
Address Bus
ister (Ex)
9
7
6
5
4
3
8
2
1
0
10
11
12
13
01
14
15
0
1
0
1
Mode Register Definition
0
0
1
1
EMR2
01
01
01
01 01
01
01
01
01
01
01
01
01
i
use if T
C
E7
0
1
Extended Mo de
Reg
Mo de Register (MR)
Extended Mo de Register (EMR)
Extended Mo de Register (EMR2)
Extended Mo de Register (EMR3)
M15 M14
High Temperature Self Refresh rate enable
Commer c al-Temperature default
Industrial-Temperature option;
exceeds 85°C
Note: 1. E13 (A13)-E0(A0) are reserved for future use and must be programmed to
"0." A13 is not used in this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com