Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 21 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 21 Page - Austin Semiconductor

Back Button AS4DDR232M64PBGR-3/XT Datasheet HTML 17Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 18Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 19Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 20Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 21Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 22Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 23Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 24Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 25Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
21
Austin Semiconductor, Inc.
Parameter
Symbol
Units
Notes
Supply Voltage
VCC
V1
I/O Supply Voltage
VCCQ
V4
I/O Reference Voltage
VREF
V2
I/O Termination Voltage
VTT
V3
All Voltages referenced to Vss
VREF
VREF + 0.04
0.50 x VCCQ
1.9
0.51 x VCCQ
1.7
0.49 x VCCQ
VREF - 0.04
1.8
MIN
TYP
MAX
1.7
1.8
1.9
DC OPERATING CONDITIONS
Notes:
1. VCC VCCQ must track each other. VCCQ must be less than or equal to VCC.
2. VREF is expected to equal VCCQ/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not
exceed ± 1 percent of the DC value. Peak-to-peak AC noise on VREF may not exceed ±2 percent of VREF. This measurement is to be taken at the
nearest VREF bypass capacitor.
3. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track
variations in the DC level of VREF.
4. VCCQ tracks with VCC track with VCC.
ABSOLUTE MAXIMUM RATINGS
Min
Max
Unit
-1.0
2.3
V
-0.5
2.3
V
-0.5
2.3
V
-55.0
125.0
C
-55.0
125.0
C
-10
10
uA
-10
10
uA
10.0
5
Voltage on VCC pin relative to VSS
Voltage on VCCQ pin relative to VSS
Voltage on any pin relative to VSS
Storage Temperature
II
Input Leakage current; Any input 0V<VIN<VCC; VREF
input 0V<VIN<0.95V; Other pins not under test = 0V
uA
uA
uA
DM
-10.0
10.0
-10.0
-5
IOZ
Device Operating Temperature
TCASE
CMD/ADR, RAS\, CAS\
WE\' CS\. CKE
CK, CK\
IVREF
Symbol
Parameter
VCC
VCCQ
VIN, VOUT
TSTG
INPUT / OUTPUT CAPACITANCE
T
A = 25
oC, f = 1 MHz, V
CC = VCCQ = 1.8V
Parameter
Symbol
Max
Unit
Input capacitance (A0-A12, BA0-BA1)
CADDR
28
pF
Input capacitance (CS#, RAS#, CAS#, WE#, CKE, ODT)
CIN1
10
pF
Input capacitance CK, CK#
CIN2
8pF
Input capacitance DM, DQS, DQS#
CIN3
10
pF
Input capacitance DQ0-63
COUT
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com