Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS4DDR232M64PBGR-3/XT Datasheet HTML 1Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 2Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 3Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 4Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 5Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 6Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
2
Austin Semiconductor, Inc.
SDRAM-DDRII PINOUT TOP VIEW
,
123456789
10
11
12
13
14
15
16
A
DQ0
DQ14
DQ15
VSS
VSS
A9
A10
A11
A8
VCCQ
VCCQ
DQ16
DQ17
DQ31
VSS
A
B
DQ1
DQ2
DQ12
DQ13
VSS
VSS
A0
A7
A6
A1
VCC
VCC
DQ18
DQ19
DQ29
DQ30
B
C
DQ3
DQ4
DQ10
DQ11
VCC
VCC
A2
A5
A4
A3
VSS
VSS
DQ20
DQ21
DQ27
DQ28
C
D
DQ6
DQ5
DQ8
DQ9
VCCQ
VCCQ
A12/NC
DNU
DNU
DNU
VSS
VSS
DQ22
DQ23
DQ26
DQ25
D
E
DQ7
LDM0
VCC
UDM0
UDQS3 LDQS0 UDQS0
BA0
BA1
LDQS1 UDQS1
VREF
LDM1
VSS
NC
DQ24
E
F
CAS0\
WE0\
VCC
CLK0
LDQS3 UDQS3\ LDQS0\ UDQS0\
NC
UDQS1\ LDQS1\
RAS1\
WE1\
VSS
UDM1
CLK1
F
G
CS0\
RAS0\
VCC
CKE0
CLK0\
LDQS3\
VSSQ
VSSQ
VSSQ
VSSQ
NC
CAS1\
CS1\
VSS
CLK1\
CKE1
G
H
VSS
VSS
VCC
VCCQ
VSS
NC
VSSQ
VSSQ
VSSQ
VSSQ
NC
VCC
VSS
VSS
VCCQ
VCC
H
J
VSS
VSS
VCC
VCCQ
VSS
NC
VSSQ
VSSQ
VSSQ
VSSQ
NC
VCC
VSS
VSS
VCCQ
VCC
J
K
CLK3\
CKE3
VCC
CS3\
NC
NC
VSSQ
VSSQ
VSSQ
VSSQ
NC
CLK2\
CKE2
VSS
RAS2\
CS2\
K
L
NC
CLK3
VCC
CAS3\
RAS3\
ODT
NC
NC
NC
LDQS2\ UDQS2\ LDQS2
CLK2
VSS
WE2\
CAS2\ L
M
DQ56
UDM3
VCC
WE3\
LDM3
NC
NC
NC
NC
NC
NC
NC
UDM2
VSS
LDM2
DQ39
M
N
DQ57
DQ58
DQ55
DQ54
NC
NC
NC
NC
NC
NC
NC
UDQS2
DQ41
DQ40
DQ37
DQ38
N
P
DQ60
DQ59
DQ53
DQ52
VSS
VSS
NC
NC
NC
NC
VCC
VCC
DQ43
DQ42
DQ36
DQ35
P
R
DQ62
DQ61
DQ51
DQ50
VCC
VCC
NC
NC
NC
NC
VSS
VSS
DQ45
DQ44
DQ34
DQ33
R
T
VSS
DQ63
DQ49
DQ48
VCCQ
VCCQ
NC
NC
NC
NC
VSS
VSS
DQ47
DQ46
DQ32
VCC
T
123456789
10
11
12
13
14
15
Ground
Array Power
D/Q Power
Address
Data IO
Level REF.
CNTRL
ADDRESS-DNU
UNPOPULATED
NC
Note 1: Ball location D9 is reserved for future use on 64M x 64 in which it will be BANKSELECT2 ‘BA2’. Ball D10 is reserved for future use
on 128M x 64 in which it will be A13.
Important Note: It is recommended that no bias be applied to either the DNU or NC pins. They are not connected to any die pad but DNU &
NC pins may be shorted together in package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com