Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS4DDR232M64PBGR-3/XT Datasheet HTML 1Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 2Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 3Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 4Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 5Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 6Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
3
Austin Semiconductor, Inc.
BGA Locations
Symbol
Type
Description
L6
ODT
CNTL Input
On-Die-Termination: Registered High enables on data bus termination
F4, F16, G5, G15, K12
CKx, CKx\
CNTL Input
Differential input clocks, one set for each x16bits
L13, L2, K1
G4, G16, K13, K2
CKEx
CNTL Input
Clock enable which activates all on silicon clocking circuitry
G1, G13, K16, K4
CSx\
CNTL Input
Chip Selects, one for each 16 bits of the data bus width
F12, G2, K15, L5
RASx\
CNTL Input
Command input which along with CAS\, WE\ and CS\ define operations
F1, G12, L16, L4
CASx\
CNTL Input
Command input which along with RAS\, WE\ and CS\ define operations
F2, F13, L15, M4
Wex\
CNTL Input
Command input which along with RAS\, CAS\ and CS\ define operations
E4, F15, M13, M2
UDMx
CNTL Input
One Data Mask cntl. for each upper 8 bits of a x16 word
E2, E13, M15, M5
LDMx
CNTL Input
One Data Mask cntl. For each lower 8 bits of a x16 word
E5, E7, E11, N12
UDQSx
CNTL Input
Data Strobe input for upper byte of each x16 word
F6, F8, F10, L11
UDQSx\
CNTL Input
Differential input of UDQSx, only used when Differential DQS mode is enabled
E6, E10, F5, L12
LDQSx
CNTL Input
Data Strobe input for lower byte of each x16 word
F7, F11, G6, L10
LDQSx\
CNTL Input
Differential input of LDQSx, only used when Differential DQS mode is enabled
A7, A8, A9, A10, B7,
Ax
Input
Array Address inputs providing ROW addresses for Active commands, and
B8, B9, B10, C7, C8,
the column address and auto precharge bit (A10) for READ/WRITE commands
C9, C10, D7
D8, D9, D10
DNU
Future Input
E8, E9
BA0, BA1
Input
Bank Address inputs
A2, A3, A4, A13, A14,
DQx
Input/Output Data bidirectional input/Output pins
A15, B1, B2, B3, B4,
B13, B14, B15, B16,
C1, C2, C3, C4, C13,
C14, C15, C16, D1, D2,
D3, D4, D13, D14, D15,
D16, E1, E16, M1, M16,
N1, N2, N3, N4, N13, N14
N15, N16, PP1, P2, P3,
P4, P13, P14, P15, P16,
R1, R2, R3, R4, R13, R14
R15, R16, T2, T3, T4, T13
T14, T15
E12
Vref
Supply
SSTL_18 Voltage Reference
B11, B12, C5, C6,E3,
VCC
Supply
Core Power Supply
F3, G3, H3, H12, H16,
J3, J12, J16, K3, L3,
M3, P11, P12, R5, R6,
T16
A11, A12, D5, D6, H4,
VCCQ
Supply
I/O Power
H15, J4, J15, T5, T6
A5, A6, A16, B5, B6,
VSS
Supply
Core Ground return
C11, C12, D11, D12,
E14, F14, G14, H1, H2,
H14, J1, J2, J5, J13,
J14, K14, L14, M14, P5,
P6, R11, R12, T1, T11,
T12
G7, G8, G9, G10, H7,
VSSQ
Supply
I/O Ground return
H8, H9, H10, J7, J8, J9,
J10, K7, K8, K9, K10
A1
UNPOPULATED
Unpopulated ball matrix location (location registration aid)
E15, F9, G11, H6, H11, J6,
J11, K11, L1, L8, L9, N7,
N8, N9, N10, P7, P8, P9,
P10, R7, R8, R9, R10, T7,
T8, T9, T10, K5, K6, L7,
M6, M7, M8, M9, M10,
M11, M12, N5, N6, N11
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com