Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8563EC Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 8563EC
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8563EC Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  8563EC Datasheet HTML 1Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Amplitude Specifications, Agilent 8560 EC Series
Range
Displayed average noise level (DANL) to +30 dBm
Maximum safe input level
Average continuous power
+30 dBm (1 W, input attn ≥ 10 dB)
Peak pulse power
+50 dBm (100 W, input attn ≥ 30 dB)
(≤ 10 ms pulse width, < 1% duty cycle)
Maximum DC input voltage
DC coupled
±0.2 Vdc
AC coupled
±50 Vdc1
Displayed average noise level (DANL) (see Figure 2)
(0 dB attenuation, 1 Hz resolution bandwidth2)
8560EC
8561EC
8562EC
8563EC
8564EC, 8565EC
30 Hz 3
≤ –90 dBm
≤ –90 dBm
≤ –90 dBm
≤ –90 dBm
≤ –90 dBm
1 kHz 3
≤ –105 dBm
≤ –105 dBm
≤ –105 dBm
≤ –105 dBm
≤ –105 dBm
10 kHz
≤ –120 dBm
≤ –120 dBm
≤ –120 dBm
≤ –120 dBm
≤ –120 dBm
100 kHz
≤ –120 dBm
≤ –120 dBm
≤ –120 dBm
≤ –120 dBm
≤ –120 dBm
1 MHz to 10 MHz
≤ –140 dBm
≤ –140 dBm
≤ –140 dBm
≤ –140 dBm
≤ –140 dBm
10 MHz to 2.9 GHz
≤ –151 dBm
≤ –145 dBm
≤ –151 dBm
≤ –149 dBm
≤ –145 dBm
2.9 GHz to 6.46 GHz
≤ –145 dBm
≤ –148 dBm
≤ –148 dBm
≤ –147dBm
6.46 GHz to 13.2 GHz
≤ –145 dBm
≤ –145 dBm
≤ –143 dBm
13.2 GHz to 22.0 GHz
≤ –140 dBm
≤ –140 dBm
22.0 GHz to 26.84 GHz
≤ –139 dBm
≤ –136 dBm
26.8 GHz to 31.15 GHz
≤ –139 dBm
31.15 GHz to 40 GHz
≤ –130 dBm
40 GHz to 50 GHz
≤ –127 dBm
1 dB gain compression
Maximum power at mixer = input power (dBm) – input attenuation (dB)
10 MHz to 2.9 GHz
–5 dBm
2.9 GHz to 6.46 GHz
+0 dBm 5
6.46 GHz to 26.8 GHz
–3 dBm
26.8 GHz to 50 GHz
+0 dBm (nominal)
–40
–60
–80
–100
–120
1 Hz
10
100
1 k
10 k
100 k
Offset
1 MHz
CF=40 GHz
CF=200 MHz
CF=5 GHz
CF=1 GHz
Typical performance
Spec @ CF = 1 GHz
RBW selectivity
RBW =
10 kHz
RBW =
1 kHz
RBW =
100Hz
RBW =
100 kHz
CF=25 GHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1 Hz
10 Hz
100
1 kHz
10 k
100 k
1 M
10 MHz
Offset
1 MHz
2 MHz
100 kHz
10 kHz
1 kHz
100 Hz
10 Hz
1 Hz
Figure 1. Noise sidebands normalized to 1 Hz BW versus offset from
carrier.
Figure 2. Typical on-screen dynamic range versus offset from 1
GHz center frequency for all RBWs (mixer level = –10 dBm).
4
1. Not applicable to 8564EC and 8565EC.
2. For Option 856xEC-103, degrade DANL by 10 dB
3. Agilent 8563EC, 8564EC, 8565EC require Option 856xEC-006 for operation below 9 kHz
4. For Agilent 8563EC: 26.5 GHz
5. Agilent 8561EC: –3 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com