Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8563EC Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 8563EC
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8563EC Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 8563EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 11Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Inputs/Outputs, Agilent 8560 EC Series, continued
Blanking/gate
Output
Shared BNC female, 50 Ω
Blanking mode
During sweep
Low TTL level
During retrace
High TTL level
Gate mode
Gate on
High TTL level
Gate off
Low TTL level
External/gate
Trigger input
Shared BNC female, > 10 kΩ
Settable to high TTL or low TTL
GPIB
IEEE-488 bus connector
Interface functions
SH1, AH1, T6, L4, LE0, RL1, PP1, DC1, DT1, C1, C28, TE0, SR1
Direct printer output
Supports HP 3630A PaintJet printer, HP 2225A ThinkJet printer
Direct plotter output
Supports HP 7225A/7440A/7470A/7475A/7550A
Options
Option 856xEC-001 second IF output, Agilent 8560 EC Series
(all values are nominal)
3 dB bandwidth
8560EC
8561EC
8562EC
8563EC
8564EC, 8565EC
NF
conversion gain
30 Hz to 2.9 GHz 1
> 25 MHz
> 25 MHz
> 25 dB
> 25 MHz
> 25 MHz
24 dB
25 dB
20 dB
25 dB
28 dB
1.2 dB
–6.5 dB
–1.2 dB
–1.2 dB
–1.2 dB
2.9 GHz to 6.5 GHz
> 30 MHz
> 30 MHz
> 30 MHz
> 30 MHz
26 dB
22 dB
22 dB
23 dB
–1 dB
–3 dB
–1 dB
–1 dB
6.5 GHz to 13.2 GHz
> 37 MHz
> 37 MHz
> 37 MHz
26 dB
26 dB
28 dB
–5.7 dB
–5.7 dB
–5.7 dB
13.2 GHz to 22 GHz
> 45 MHz
> 45 MHz
30 dB
32 dB
–8 dB
–8 dB
22 GHz to 26.8 GHz
> 45 MHz
> 45 MHz
32 dB
35 dB
–8 dB
–8 dB
26.8 GHz to31.15 GHz
> 25 MHz
28 dB
–9 dB
31.15 GHz to 40 GHz
> 25 MHz
38 dB
–19 dB
40 GHz to 50 GHz
> 25 MHz
42 dB
–23 dB
Option 8560EC-002 Built-in tracking generator 2
Frequency specifications
Frequency range
300 kHz to 2.9 GHz
Accuracy
After peaking
±(frequency reference accuracy x tuned frequency + 5% x span + 295 Hz)
Tracking drift (nominal)
Usable in 1 kHz RBW after 5 minutes warm-up. Usable in 300 Hz RBW after
30-minute warm-up.
Minimum RBW
300 Hz 3
9
1. DC coupled for frequencies below 100 kHz. Option 856xEC-006 required for operation below 9 kHz in Agilent 8563EC, 8564EC, 8565EC.
2. Option 8560EC-002 is no longer offered.
3. Tracking generator not usable with resolution bandwidths ≤ 100 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com