Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8563EC Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 8563EC
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8563EC Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  8563EC Datasheet HTML 1Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Amplitude Specifications, continued
Dynamic range (see Figure 3)
Compression to noise 1
8560EC
8561EC
8562EC
8563EC
8564EC, 8565EC
10 MHz to 2.9 GHz
> 146 dB
> 140 dB
> 146 dB
> 144 dB
> 145 dB
2.9 GHz to 6.46 GHz
> 142 dB
> 148 dB
> 148 dB
> 147 dB
6.46 GHz to 13.2 GHz
> 142 dB
> 142 dB
> 140 dB
13.2 GHz to 22.0 GHz
> 137 dB
> 137 dB
22.0 GHz to 26.8 GHz
> 136 dB
> 133 dB
26.8 GHz to 31.15 GHz
> 139 dB
31.15 GHz to 40 GHz
> 130 dB
40 GHz to 50 GHz
> 127 dB
Signal to distortion
Harmonic 2
8560EC
8561EC
8562EC
8563EC
8564EC, 8565EC
20 MHz to 1.45 GHz
> 95 dB
> 88.5 dB
> 95 dB
> 94dB
> 92 dB
1.45 GHz to 2 GHz
> 98.5 dB
> 111.5 dB
> 111.5 dB
> 111 dB
2 GHz to 3.25 GHz
> 119 dB
> 119 dB
> 119 dB
> 113.5 dB
3.25 GHz to 6.6 GHz
> 117.5 dB
> 117.5 dB
> 111.5 dB
6.6 GHz to 11 GHz
> 115 dB
> 110 dB
11 GHz to 13.4 GHz
> 114.5 dB
> 108 dB
13.4 GHz to 15.6 GHz
> 109.5 dB
15.6 GHz to 20 GHz
> 105 dB
20 GHz to 25 GHz
> 103.5 dB
Intermodulation 3
8560EC
8561EC
8562EC
8563EC
8564E, 8565EC
10 MHz to 2.9 GHz
> 108 dB
> 103 dB
> 108 dB
> 107 dB
> 104 dB
2.9 GHz to 6.46 GHz
> 107 dB
> 108.5 dB
> 108.5 dB
> 108 dB
6.46 GHz to 13.2 GHz
> 101.5 dB
> 101.5 dB
> 100 dB
13.2 GHz to 22.0 GHz
> 98 dB
> 98 dB
22.0 GHz to 26.8 GHz
> 97.5 dB
> 95.5 dB
26.8 GHz to 31.15 GHz
> 101 dB (nominal)
31.15 GHz to 40 GHz
> 95 dB (nominal)
40 GHz to 50 GHz
> 93 dB (nominal)
5
–40
–50
–60
–70
–80
–90
–100
–110
–70
–60
–50
–40
–30
–20
–10
0
Mixer Level (dBm)
31.15-50
GHz
13.2
-26.8
G
Hz
6.5-13.2
GHz,
26.8-31.
15
GHz
1 M
Hz-2.9
G
Hz
2.9-6.5
GHz
1.45-25
GHz
30
H
z-1.45
G
Hz
Third order distortion
DANL (1 Hz BW)
Second harmonic distortion
Figure 3. Agilent 8560 EC Series nominal dynamic range
1. (1dB compression - DANL) for Option 856xEC-103, degrade compression to noise dynamic range by 10 dB
2. 0.5 x (SHI - DANL at 2 x input frequency) for Option 856xEC-103, degrade harmonic (SHI) dynamic range by 5 dB
3. 0.67 x (TOI - DANL) for Option 856xEC-103, degrade intermodulation (TOI) dynamic range by 6.67 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com