Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8563EC Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 8563EC
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8563EC Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  8563EC Datasheet HTML 1Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Frequency Specifications, Agilent 8560 EC Series
Unless noted, all specifications describe the instrument’s warranted performance under the following conditions: 5-minute warm-up from ambient conditions,
autocoupled controls, digital display, IF ADJ ON, REF LVL CAL adjusted, SECOND IF OUTPUT and 1ST LO OUTPUT terminated in 50 Ω. After a 30-minute warm-up,
and over a temperature range of 20 °C to 30 °C, the preselector does not have to be peaked at each signal of interest; under these conditions factory preselector
peak values are sufficient to meet all specifications. Typical performance is non-warranted. Supplemental characteristics are denoted by “nominal” and
“approximately”; these constitute non-warranted functional performance information derived during the design process and are not tested on a continuing basis.
Frequency range
8560EC
8561EC
8562EC
8563EC
8564EC
8565EC
Internal
30 Hz 2 to
30 Hz 2 to
30 Hz 2 to
30 Hz 1 to
30 Hz 1 to
30 Hz 1 to
mixing
2.9 GHz
6.5 GHz
13.2 GHz
26.5 GHz
40 GHz
50 GHz
External
18 GHz to
18 GHz to
18 GHz to
18 GHz to
18 GHz to
18 GHz to
mixing
325 GHz
325 GHz
325 GHz
325 GHz
325 GHz
325 GHz
Frequency band
Harmonic mixing mode (N)
30 Hz to 2.9 GHz
1
2.75 GHz to 6.46 GHz
1
5.86 GHz to 13.2 GHz
2
12.4 GHz to 26.8 GHz
4
26.4 GHz to 31.15 GHz
4
31.0 GHz to 50 GHz
8
Frequency reference
Option 856xEC-103
Temperature stability 3
±1 x 10–8
±1x10–6
Aging (per year)
±1 x 10–7
±2x10–6
(per day nom.)
±5 x 10–10 (4)
Initial achievable accuracy
±2.2 x 10–8
±1 x 10–6
Short-term warmup accuracy factors (nominal)
5 minute
±1 x 10–7
15 minute
±1 x 10–8
Frequency readout accuracy
(Start, stop, center and marker frequency functions)
Span > 2 MHz x N 5
±(freq readout x freq ref accuracy 6 +5% x span +15% x RBW +10 Hz)
Span ≤ 2 MHz x N5
±(freq readout x freq ref accuracy 6 +1% x span +15% x RBW +10 Hz)
Frequency counter accuracy
Marker count accuracy
±(marker freq x freq ref accuracy 7 +2 Hz x N 5
(S/N ≥ 25 dB)
+1 LSD of counter)
Accuracy at 1 GHz
±225 Hz (5-minute warm-up) 7
(25 °C, 1 yr aging, marker resolution = 1 Hz)
±135 Hz (15-minute warm-up) 7
±3003 Hz (Option 856xEC-103)
Delta count accuracy
±(delta freq x freq ref accuracy 6
+ 4 Hz x N 5
(S/N ≥ 25 dB)
+2 LSD)
Counter resolution
Selectable from 1 Hz to 1 MHz
Frequency span
Range
0, 100 Hz to full span
(100 Hz x N 5 when using external mixers)
Accuracy
Span > 2 MHz x N 5
±5%
Span ≤ 2 MHz x N 5
±1%
2
1. Agilent 8563EC, 8564EC, 8565EC require Option 856xEC-006 for operation below 9 kHz.
2. Agilent 8560EC, 8561EC, 8562EC minimum frequency in AC coupled mode is 100 kHz . In DC coupled mode minimum frequency is 30 Hz.
3. –10 °C to +55 °C, referenced to 25 °C
4. After 7 day warm-up
5. N = harmonic mixing mode number
6. Frequency reference accuracy = aging x time since last adjustment + initial achievable accuracy + temperature stability
7. Short term warmup accuracy factors have been included in this calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com